Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 97 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 97 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 93Page - STMicroelectronics STM32H562AI Datasheet HTML 94Page - STMicroelectronics STM32H562AI Datasheet HTML 95Page - STMicroelectronics STM32H562AI Datasheet HTML 96Page - STMicroelectronics STM32H562AI Datasheet HTML 97Page - STMicroelectronics STM32H562AI Datasheet HTML 98Page - STMicroelectronics STM32H562AI Datasheet HTML 99Page - STMicroelectronics STM32H562AI Datasheet HTML 100Page - STMicroelectronics STM32H562AI Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 270 page
background image
-
-
126
D7
155
B8
-
-
127
C8
155
B8
-
PG12
I/O
FT_sh
-
LPTIM1_IN1, PSSI_D15,
SPI6_MISO, USART10_TX,
USART6_RTS/USART6_DE,
SDMMC2_D3,
ETH_MII_TXD1/ETH_RMII_TXD1,
FMC_NE4, DCMI_D11/PSSI_D11,
LPTIM5_CH1, EVENTOUT
-
-
-
127
-
156
C8
-
-
128
D7
156
A8
-
PG13
I/O
FT_sh
-
TRACED0, LPTIM1_CH1,
SPI6_SCK,
USART10_CTS/USART10_NSS,
USART6_CTS/USART6_NSS,
SDMMC2_D6,
ETH_MII_TXD0/ETH_RMII_TXD0,
FMC_A24, LPTIM5_CH2,
EVENTOUT
-
-
-
128
-
157
A8
-
-
129
C7
157
A7
-
PG14
I/O
FT_sh
-
TRACED1, LPTIM1_ETR,
LPTIM1_CH2, SPI6_MOSI,
USART10_RTS/USART10_DE,
USART6_TX, OCTOSPI1_IO7,
SDMMC2_D7,
ETH_MII_TXD1/ETH_RMII_TXD1,
FMC_A25, LPTIM5_IN1,
EVENTOUT
-
-
-
129B4158
-
-
-
130
-
158
D7
-
VSS
S
-
-
-
-
-
-
130A3159
-
-
-
131
-
159
C7
-
VDD
S
-
-
-
-
-
-
131B6160
A7
-
-
132B6160
B7
-
PG15
I/O
FT_h
-
SPI4_RDY, USART10_CK,
USART6_CTS/USART6_NSS,
FMC_NCAS,
DCMI_D13/PSSI_D13,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com