Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 53 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 53 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 49Page - STMicroelectronics STM32H562AI Datasheet HTML 50Page - STMicroelectronics STM32H562AI Datasheet HTML 51Page - STMicroelectronics STM32H562AI Datasheet HTML 52Page - STMicroelectronics STM32H562AI Datasheet HTML 53Page - STMicroelectronics STM32H562AI Datasheet HTML 54Page - STMicroelectronics STM32H562AI Datasheet HTML 55Page - STMicroelectronics STM32H562AI Datasheet HTML 56Page - STMicroelectronics STM32H562AI Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 270 page
background image
DS14258 Rev 5
53/270
STM32H562xx and STM32H563xx
Functional overview
62
3.37
Universal synchronous/asynchronous receiver transmitter
(USART/UART) and low-power universal asynchronous
receiver transmitter (LPUART)
The devices have six embedded universal synchronous receiver transmitters
(USART1/USART2/USART3/USART6/USART10/USART11), six universal asynchronous
receiver transmitters (UART4/UART5/UART7/UART8/UART9/UART12), and one low-power
universal asynchronous receiver transmitter (LPUART1).
3.37.1
Universal synchronous/asynchronous receiver transmitter
(USART/UART)
The USART offers a flexible means to perform full-duplex data exchange with external
equipments requiring an industry standard NRZ asynchronous serial data format. A very
wide range of baud rates can be achieved through a fractional baud rate generator.
The USART supports both synchronous one-way and half-duplex single-wire
communications, as well as LIN (local interconnection network), Smartcard protocol, IrDA
(infrared data association) SIR ENDEC specifications, and modem operations (CTS/RTS).
Multiprocessor communications are also supported.
High-speed data communication (up to 20 Mbauds) is possible by using the DMA (direct
memory access) for multibuffer configuration.
Table 9. USART, UART and LPUART features
Mode/feature(1)
1. X = supported.
USART
1/2/3/6/10/11
UART
4/5/7/8/9/12
LPUART
1
Hardware flow control for modem
X
X
X
Continuous communication using DMA
X
X
X
Multiprocessor communication
X
X
X
Synchronous mode (master/slave)
X
-
-
Smartcard mode
X
-
-
Single-wire half-duplex communication
X
X
X
IrDA SIR ENDEC block
X
X
-
LIN mode
X
X
-
Dual-clock domain and wake-up from Stop mode
X(2)
2. Wake-up supported from Stop mode.
X(2)
X(2)
Receiver timeout interrupt
X
X
-
Modbus communication
X
X
-
Auto-baud rate detection
X
X
-
Driver enable
X
X
X
USART data length
7, 8, and 9 bits
Tx/Rx FIFO
X
X
X
Tx/Rx FIFO size
8 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com