Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 31 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 31 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 27Page - STMicroelectronics STM32H562AI Datasheet HTML 28Page - STMicroelectronics STM32H562AI Datasheet HTML 29Page - STMicroelectronics STM32H562AI Datasheet HTML 30Page - STMicroelectronics STM32H562AI Datasheet HTML 31Page - STMicroelectronics STM32H562AI Datasheet HTML 32Page - STMicroelectronics STM32H562AI Datasheet HTML 33Page - STMicroelectronics STM32H562AI Datasheet HTML 34Page - STMicroelectronics STM32H562AI Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 270 page
background image
DS14258 Rev 5
31/270
STM32H562xx and STM32H563xx
Functional overview
62
Figure 4. Power-up/down sequence
1. VDDX refers to any power supply among VDDA, VDDUSB, and VDDIO2.
3.10.2
Power supply supervisor
The devices have an integrated ultra-low-power brownout reset (BOR) active in all modes;
The BOR ensures proper operation of the devices after power on and during power down.
The devices remain in reset mode when the monitored supply voltage VDD is below a
specified threshold, without the need for an external reset circuit.
The lowest BOR level is 1.71 V at power on, and other higher thresholds can be selected
through option bytes.The devices feature an embedded programmable voltage detector
(PVD) that monitors the VDD power supply and compares it to the VPVD threshold.
An interrupt can be generated when VDD drops below the VPVD threshold and/or when VDD
is higher than the VPVD threshold. The interrupt service routine can then generate a warning
message and/or put the MCU into a safe state. The PVD is enabled by software.
In addition, the devices embed a peripheral voltage monitor that compares the independent
supply voltages VDDA, VDDUSB and VDDIO2 to ensure that the peripheral is in its functional
supply range.
The devices support dynamic voltage scaling to optimize power consumption in Run mode.
The voltage from the main regulator that supplies the logic (VCORE) can be adjusted
according to the system maximum operating frequency.
The main regulator operates in the following ranges:
•
VOS0 (VCORE = 1.35 V) with CPU and peripherals running at up to 250 MHz
•
VOS1 (VCORE = 1.2 V) with CPU and peripherals running at up to 200 MHz
•
VOS2 (VCORE = 1.1 V) with CPU and peripherals running at up to 150 MHz
•
VOS3 (VCORE = 1.0 V) with CPU and peripherals running at up to 100 MHz
MSv47490V1
0.3
1
VBOR0
3.6
Operating mode
Power-on
Power-down
time
V
VDDX
(1)
VDD
Invalid supply area
VDDX < VDD + 300 mV
VDDX independent from VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com