Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 24 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 24 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 20Page - STMicroelectronics STM32H562AI Datasheet HTML 21Page - STMicroelectronics STM32H562AI Datasheet HTML 22Page - STMicroelectronics STM32H562AI Datasheet HTML 23Page - STMicroelectronics STM32H562AI Datasheet HTML 24Page - STMicroelectronics STM32H562AI Datasheet HTML 25Page - STMicroelectronics STM32H562AI Datasheet HTML 26Page - STMicroelectronics STM32H562AI Datasheet HTML 27Page - STMicroelectronics STM32H562AI Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
24/270
DS14258 Rev 5
3.7
Boot modes
At startup, a BOOT0 pin and NSBOOTADD[31:8]/SECBOOTADD[31:8] option bytes are
used to select the boot memory address that includes:
•
Boot from any address in user flash memory
•
Boot from system memory
–
Bootloader
–
ST immutable root of trust (ST-iROT)
–
Root security service (RSS)
–
Debug authentication library (RSS-DA)
Embedded bootloader
The embedded bootloader is located in the system memory, programmed by ST during
production. It is used to reprogram the flash memory by using USART, I2C, I3C, SPI,
FDCAN, or USB_FS in device mode through the DFU (device firmware upgrade).
Refer to AN2606 “STM32 microcontroller system memory boot mode”.
Embedded root security services (RSS)
The embedded RSS are located in the secure information block, programmed by ST during
production.
Refer to AN4992 “Overview secure firmware install (SFI)”.
Embedded immutable root of trust (ST-iROT)
The embedded ST-iROT in the system memory, programmed by ST during production. ST-
iROT is the immutable root of trust managing the secure boot and secure install of the first
updatable level to execute in a boot sequence.
Embedded debug authentication (ST-DA)
The embedded ST-DA in the system memory is programmed by ST during production.
ST-DA is the library that manages the debug authentication protocol, making it possible to
securely reopen the debug or to launch regressions on secured products in the field.
3.7.1
STM32H562/H563xx boot modes
Table 3 and Table 4, respectively, provide the detail of the boot mode when TrustZone is
disabled (TZEN = 0xC3) and enabled (TZEN = 0xB4).
Table 3. STM32H562/H563 boot mode when TrustZone is disabled (TZEN = 0xC3)
PRODUCT_STATE
BOOT0 pin
Boot address
option byte selection
Boot area
ST programmed
default value
Open
0
NSBOOTADD[31:8]
Boot address defined
by user option byte
NSBOOTADD[31:8]
Flash: 0x0800 0000
-
1
NA
Bootloader
Bootloader
Provisioning
x
NA
RSS
RSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com