Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 54 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 54 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 50Page - STMicroelectronics STM32H562AI Datasheet HTML 51Page - STMicroelectronics STM32H562AI Datasheet HTML 52Page - STMicroelectronics STM32H562AI Datasheet HTML 53Page - STMicroelectronics STM32H562AI Datasheet HTML 54Page - STMicroelectronics STM32H562AI Datasheet HTML 55Page - STMicroelectronics STM32H562AI Datasheet HTML 56Page - STMicroelectronics STM32H562AI Datasheet HTML 57Page - STMicroelectronics STM32H562AI Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
54/270
DS14258 Rev 5
The USART main features are:
•
Full-duplex asynchronous communication
•
NRZ standard format (mark/space)
•
Configurable oversampling method by 16 or by 8, to achieve the best compromise
between speed and clock tolerance
•
Baud rate generator systems
•
Two internal FIFOs for transmit and receive data
Each FIFO can be enabled/disabled by software and come with a status flag.
•
A common programmable transmit and receive baud rate
•
Dual-clock domain with dedicated kernel clock for peripherals independent from PCLK
•
Auto baud rate detection
•
Programmable data word length (7, 8 or 9 bits)
•
Programmable data order with MSB-first or LSB-first shifting
•
Configurable stop bits (1 or 2 stop bits)
•
Synchronous Master/Slave mode and clock output/input for synchronous
communications
•
SPI slave transmission underrun error flag
•
Single-wire half-duplex communications
•
Continuous communications using DMA
•
Received/transmitted bytes are buffered in reserved SRAM using centralized DMA
•
Separate enable bits for transmitter and receiver
•
Separate signal polarity control for transmission and reception
•
Swappable Tx/Rx pin configuration
•
Hardware flow control for modem and RS-485 transceiver
•
Communication control/error detection flags
•
Parity control:
–
Transmits parity bit
–
Checks parity of received data byte
•
Interrupt sources with flags
•
Multiprocessor communications: wake-up from Mute mode by idle line detection or
address mark detection
•
Autonomous functionality in Stop mode with wake-up from stop capability
•
LIN master synchronous break send capability and LIN slave break detection capability
–
13-bit break generation and 10/11-bit break detection when USART is hardware
configured for LIN
•
IrDA SIR encoder decoder supporting 3/16 bit duration for Normal mode
•
Smartcard mode
–
Supports the T = 0 and T = 1 asynchronous protocols for smartcards as defined in
the ISO/IEC 7816-3 standard
–
0.5 and 1.5 stop bits for Smartcard operation
•
Support for Modbus communication
–
Timeout feature
–
CR/LF character recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com