Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 45 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 45 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 41Page - STMicroelectronics STM32H562AI Datasheet HTML 42Page - STMicroelectronics STM32H562AI Datasheet HTML 43Page - STMicroelectronics STM32H562AI Datasheet HTML 44Page - STMicroelectronics STM32H562AI Datasheet HTML 45Page - STMicroelectronics STM32H562AI Datasheet HTML 46Page - STMicroelectronics STM32H562AI Datasheet HTML 47Page - STMicroelectronics STM32H562AI Datasheet HTML 48Page - STMicroelectronics STM32H562AI Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 270 page
background image
DS14258 Rev 5
45/270
STM32H562xx and STM32H563xx
Functional overview
62
3.31
HASH hardware accelerator (HASH)
The HASH is a fully compliant implementation of the secure hash (SHA-1, SHA-224,
SHA-256, SHA-512) and the HMAC (keyed-hash message authentication code) algorithms.
HMAC is suitable for applications requiring message authentication.
The HASH computes FIPS (Federal information processing standards) approved digests of
length of 160, 224, 256, 512 bits, for messages of up to (264 – 1).
The HASH main features are:
•
Suitable for data authentication applications, compliant with:
–
FIPS PUB 180-4, Secure Hash Standard (SHA-1 and SHA-2 family)
–
FIPS PUB 186-4, Digital Signature Standard (DSS)
–
Internet Engineering Task Force (IETF) Request For Comments RFC 2104,
HMAC: Keyed-Hashing for Message Authentication and Federal Information
Processing Standards Publication FIPS PUB 198-1, The Keyed-Hash Message
Authentication Code (HMAC)
•
Fast computation of SHA-1, SHA-224, SHA-256, SHA-512
–
82 (respectively 66) clock cycles for processing one 512-bit block of data using
SHA-1 (respectively SHA-256) algorithm
•
Corresponding 32-bit words of the digest from consecutive message blocks are added
to each other to form the digest of the whole message
–
Automatic 32-bit words swapping to comply with the internal little-endian
representation of the input bit string
–
Word swapping supported: bits, bytes, half-words and 32-bit words
•
Automatic padding to complete the input bit string to fit digest minimum block size of
512 bits (16 × 32 bits)
•
Single 32-bit input register associated to an internal input FIFO of sixteen 32-bit words,
corresponding to one block size
•
AHB slave peripheral, accessible through 32-bit word accesses only (else an AHB
error is generated)
•
8 × 32-bit words (H0 to H7) for output message digest
•
Automatic data flow control with support of direct memory access (DMA) using one
channel. Single or fixed burst of 4 supported.
•
Interruptible message digest computation, on a per-32-bit word basis
–
Re-loadable digest registers
–
Hashing computation suspend/resume mechanism, including using DMA
3.32
Public key accelerator (PKA)
The PKA can verify ECDSA signatures, with all needed computation performed within the
accelerator. The application CPU is needed only to manage the inputs and the outputs of
the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com