Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 79 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 79 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 75Page - STMicroelectronics STM32H562AI Datasheet HTML 76Page - STMicroelectronics STM32H562AI Datasheet HTML 77Page - STMicroelectronics STM32H562AI Datasheet HTML 78Page - STMicroelectronics STM32H562AI Datasheet HTML 79Page - STMicroelectronics STM32H562AI Datasheet HTML 80Page - STMicroelectronics STM32H562AI Datasheet HTML 81Page - STMicroelectronics STM32H562AI Datasheet HTML 82Page - STMicroelectronics STM32H562AI Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 270 page
background image
-
-
21
G2
27
J3
-
-
21
H3
27
L2
-
PF9
I/O
FT_h
-
TIM17_CH1N, SPI5_MOSI,
SAI1_FS_B, UART7_CTS,
TIM14_CH1, OCTOSPI1_IO1,
LPTIM5_IN2, EVENTOUT
-
-
-
22
H4
-
J4
-
-
22
G6
28
L1
-
PF10
I/O
FT_h
-
TIM16_BKIN, SAI1_D3,
PSSI_D15, OCTOSPI1_CLK,
DCMI_D11/PSSI_D11,
EVENTOUT
-
K10
12
23
H1
28
J1
5
12
23
H1
29
G1
5
PH0-
OSC_IN(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
J9
13
24
J1
29
J2
6
13
24
H2
30
H1
6
PH1-
OSC_OUT(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
F8
14
25
H3
30
K3
7
14
25
H4
31
J1
7
NRST
I/O
RST
-
-
-
H8
15
26
J2
31
L1
8
15
26
J1
32
M2
8
PC0
I/O
FT_a
-
TIM16_BKIN, SAI1_MCLK_A,
SPI2_RDY, SAI2_FS_B,
FMC_A25, OCTOSPI1_IO7,
FMC_SDNWE, EVENTOUT
ADC12_INP10
G7
16
27
J3
32
L2
9
16
27
J2
33
M3
9
PC1
I/O
FT_ah
-
TRACED0, SAI1_D1,
SPI2_MOSI/I2S2_SDO,
SAI1_SD_A,
USART11_RTS/USART11_DE,
SAI2_SD_A, SDMMC2_CK,
OCTOSPI1_IO4, ETH_MDC,
EVENTOUT
ADC12_INP11,
ADC12_INN10,
TAMP_IN3/TAMP_OUT5,
WKUP6
M10
17
28K1
33
K410
17
28
J3
34
M4
10
PC2
I/O
FT_a
-
PWR_CSLEEP, TIM17_CH1,
TIM4_CH4, SPI2_MISO/I2S2_SDI,
OCTOSPI1_IO5, OCTOSPI1_IO2,
ETH_MII_TXD2, FMC_SDNE0,
EVENTOUT
ADC12_INP12,
ADC12_INN11
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com