Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 87 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 87 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 83Page - STMicroelectronics STM32H562AI Datasheet HTML 84Page - STMicroelectronics STM32H562AI Datasheet HTML 85Page - STMicroelectronics STM32H562AI Datasheet HTML 86Page - STMicroelectronics STM32H562AI Datasheet HTML 87Page - STMicroelectronics STM32H562AI Datasheet HTML 88Page - STMicroelectronics STM32H562AI Datasheet HTML 89Page - STMicroelectronics STM32H562AI Datasheet HTML 90Page - STMicroelectronics STM32H562AI Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 270 page
background image
-
-
-
M13
86
M12
-
-
-
-
87
M13
-
PH9
I/O
FT_h
-
TIM1_CH2, TIM12_CH2,
TIM8_CH2N, I2C3_SMBA,
SPI5_NSS, DCMI_D0/PSSI_D0,
EVENTOUT
-
-
-
-
K10
87
N14
-
-
-
M11
88
L13
-
PH10
I/O
FT_h
-
TIM1_CH1N, TIM5_CH1,
TIM8_CH3, I2C4_SMBA,
SPI5_RDY, DCMI_D1/PSSI_D1,
EVENTOUT
-
-
-
-
L13
88
P15
-
-
-
N12
89
L12
-
PH11
I/O
FT_fh
-
TIM1_CH1, TIM5_CH2,
TIM8_CH3N, I2C4_SCL,
I3C1_SCL, DCMI_D2/PSSI_D2,
EVENTOUT
-
-
-
-
L12
89
M13
-
-
-
N13
90
K12
-
PH12
I/O
FT_fh
-
TIM1_BKIN, TIM5_CH3,
TIM8_BKIN, I2C4_SDA,
I3C1_SDA, TIM8_CH4N,
DCMI_D3/PSSI_D3, EVENTOUT
-
-
-
--
90
H12
-
--
---
-
VSS
S
-
-
-
-
-
-
-
-
91
J12
-
-
-
L13
91
J12
-
VDD
S
-
-
-
-
L3
-
-
K11
92
L12
33
51
73
K11
92
P12
34
PB12
I/O
FT_fh
-
TIM1_BKIN, OCTOSPI1_NCLK,
I2C2_SDA, SPI2_NSS/I2S2_WS,
UCPD1_FRSTX, USART3_CK,
FDCAN2_RX,
ETH_MII_TXD0/ETH_RMII_TXD0,
UART5_RX, EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com