Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 98 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 98 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 94Page - STMicroelectronics STM32H562AI Datasheet HTML 95Page - STMicroelectronics STM32H562AI Datasheet HTML 96Page - STMicroelectronics STM32H562AI Datasheet HTML 97Page - STMicroelectronics STM32H562AI Datasheet HTML 98Page - STMicroelectronics STM32H562AI Datasheet HTML 99Page - STMicroelectronics STM32H562AI Datasheet HTML 100Page - STMicroelectronics STM32H562AI Datasheet HTML 101Page - STMicroelectronics STM32H562AI Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 270 page
background image
C5
89
132
F6
161
B7
55
89
133
E6
161
A10
57
PB3(JTDO/TRA
CESWO)
I/O
FT_fh
-
JTDO/TRACESWO, TIM2_CH2,
I2C2_SDA, SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
UART12_CTS/UART12_NSS,
SPI6_SCK, SDMMC2_D2,
CRS_SYNC, UART7_RX,
LPTIM6_ETR, EVENTOUT
-
B6
90
133
A5
162
C7
56
90
134
A6
162
A9
58
PB4(NJTRST)
I/O
FT_h
-
NJTRST, TIM16_BKIN,
TIM3_CH1, OCTOSPI1_CLK,
LPTIM1_CH2,
SPI1_MISO/I2S1_SDI,
SPI3_MISO/I2S3_SDI,
SPI2_NSS/I2S2_WS, SPI6_MISO,
SDMMC2_D3, UART7_TX,
DCMI_D7/PSSI_D7, EVENTOUT
-
D6
91
134
E6
163
A6
57
91
135
C6
163
A6
59
PB5
I/O
FT_h
-
TIM17_BKIN, TIM3_CH2,
OCTOSPI1_NCLK, I2C1_SMBA,
SPI1_MOSI/I2S1_SDO,
I2C4_SMBA,
SPI3_MOSI/I2S3_SDO,
SPI6_MOSI, FDCAN2_RX,
ETH_PPS_OUT, FMC_SDCKE1,
DCMI_D10/PSSI_D10,
UART5_RX, EVENTOUT
-
E7
92
135
C6
164
B6
58
92
136
A5
164
B6
60
PB6
I/O
FT_f
-
TIM16_CH1N, TIM4_CH1,
I3C1_SCL, I2C1_SCL,
HDMI_CEC, I2C4_SCL,
USART1_TX, LPUART1_TX,
FDCAN2_TX, OCTOSPI1_NCS,
FMC_SDNE1,
DCMI_D5/PSSI_D5, UART5_TX,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com