Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 15 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 15 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 11Page - STMicroelectronics STM32H562AI Datasheet HTML 12Page - STMicroelectronics STM32H562AI Datasheet HTML 13Page - STMicroelectronics STM32H562AI Datasheet HTML 14Page - STMicroelectronics STM32H562AI Datasheet HTML 15Page - STMicroelectronics STM32H562AI Datasheet HTML 16Page - STMicroelectronics STM32H562AI Datasheet HTML 17Page - STMicroelectronics STM32H562AI Datasheet HTML 18Page - STMicroelectronics STM32H562AI Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 270 page
background image
DS14258 Rev 5
15/270
STM32H562xx and STM32H563xx
Description
18
The devices offer eight packages, from 64 to 176 pins.
All packages are available with LDO or SMPS supply options for the VCORE (except for
LQFP64 and VFQFPN68 packages, not available in SMPS, and WLCSP80, not available in
LDO).
Table 2. STM32H56xxx features and peripheral counts
Peripherals
Flash memory
Up to 2 Mbytes
SRAM
System
640 (256 + 64 + 320) Kbytes
Backup
4 Kbytes
Flexible memory controller for
external memories (FMC)
No
Yes(1)
Yes
(2)
Yes
OCTOSPI
1
Timers
Advanced
control
2 (16 bits)
General
purpose
2 (32 bits) and 8 (16 bits)
Basic
2 (16 bits)
Low power
6 (16 bits)
SysTick timer
2
Watchdog
timers
(independent,
window)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com