Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 125 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 125 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 121Page - STMicroelectronics STM32H562AI Datasheet HTML 122Page - STMicroelectronics STM32H562AI Datasheet HTML 123Page - STMicroelectronics STM32H562AI Datasheet HTML 124Page - STMicroelectronics STM32H562AI Datasheet HTML 125Page - STMicroelectronics STM32H562AI Datasheet HTML 126Page - STMicroelectronics STM32H562AI Datasheet HTML 127Page - STMicroelectronics STM32H562AI Datasheet HTML 128Page - STMicroelectronics STM32H562AI Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 270 page
background image
DS14258 Rev 5
125/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3
Operating conditions
5.3.1
General operating conditions
Table 18. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1)
1. All main power (VDD, VDDA, VDDIO2, and VBAT) and ground (VSS, VSSA) pins must always be
connected to the external power supplies, in the allowed range.
350
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1)
350
IVDD
Maximum current into each VDD power pin (source)(1)
100
IVSS
Maximum current out of each VSS ground pin (sink)(1)
100
IIO(PIN)
Output current sunk/sourced by any I/O and control pin
20
∑IIO(PIN)
Total output current sunk by sum of all I/Os and control pins(2)
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output
current must not be sunk/sourced between two consecutive power supply pins referring to high pin count
LQFP packages.
140
Total output current sourced by sum of all I/Os and control pins(2)
140
IINJ(PIN)(3)(4)
3. Positive injection (when VIN > VDDIOx) is not possible on these I/Os, and does not occur for input voltages
lower than the specified maximum value.
4. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer to Table 17 for the
minimum allowed input voltage values.
Injected current on FT_xxx, TT_xx, NRST pins
-5 / 0
∑|IINJ(PIN)| Total injected current (sum of all I/Os and control pins)(5)
5. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of
the negative injected currents (instantaneous values).
±25
Table 19. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature
130(1)
1. The junction temperature is limited to 105 °C in the VOS0 voltage range.
°C
Table 20. General operating conditions
Symbol
Parameter
Operating conditions
Min
Typ
Max
Unit
VDD
Standard operating
voltage
HSLV(1) = 0
1.71(2)
-3.6
V
HSLV(1) = 1
1.71(2)
-2.7
VDDSMPS
Supply voltage for the
internal SMPS
step-down converter
VDD
VDD
-VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com