Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 130 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 130 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 126Page - STMicroelectronics STM32H562AI Datasheet HTML 127Page - STMicroelectronics STM32H562AI Datasheet HTML 128Page - STMicroelectronics STM32H562AI Datasheet HTML 129Page - STMicroelectronics STM32H562AI Datasheet HTML 130Page - STMicroelectronics STM32H562AI Datasheet HTML 131Page - STMicroelectronics STM32H562AI Datasheet HTML 132Page - STMicroelectronics STM32H562AI Datasheet HTML 133Page - STMicroelectronics STM32H562AI Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
130/270
DS14258 Rev 5
5.3.3
SMPS step-down converter
The devices embed a high power efficiency SMPS step-down converter requiring external
components.
The SMPS current consumption can be determined using the following formula based on
the maximum LDO current consumption provided in Section 5.3.7:
IDDSMPS = IDDLDO × VCORE / (VDD × efficiency)
IDDLDO is the current in LDO configuration given in the following tables, VCORE is the digital
core supply (VCAP), and efficiency is defined in the following curves.
Table 22. Supply voltage and maximum frequency configuration
Symbol
Parameter
Conditions
CEXT
External capacitor for LDO enabled
2.2 μF(1)
1. This value corresponds to CEXT typical value. A variation of ±20% is tolerated
ESR
E
quivalent series resistance of the external capacitor
< 100 mΩ
Table 23. Characteristics of SMPS step-down converter external components
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Cin
Capacitance of external capacitor on VDDSMPS pins
-
-
4.7(1)
-µF
ESR of external capacitor
2.4 MHz
-
-
10
mΩ
Cfilt
Capacitance of external capacitor on VLXSMPS pin
-
-
220
-
pF
COUT
Capacitance of external capacitor on VCAP pin
-
-
10(1)
-µF
ESR of external capacitor
2.4 MHz
-
20
mΩ
L
Inductance of external inductor on VLXSMPS pin
-
-
2.2(1)
-µH
Series DC resistance
All packages
-
-
150
mΩ
WLCSP80 package,
VDDSMPS > 3 V
--
300
ISAT
DC current at which the inductance drops 30% from the
value without current
-1
-
-
A
IRMS
Average current for which the temperature of the
inductor is raised 40 °C by the DC current
-1
-
-
1. Tolerance: -50% and + 30% for all conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com