Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 180 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 180 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 176Page - STMicroelectronics STM32H562AI Datasheet HTML 177Page - STMicroelectronics STM32H562AI Datasheet HTML 178Page - STMicroelectronics STM32H562AI Datasheet HTML 179Page - STMicroelectronics STM32H562AI Datasheet HTML 180Page - STMicroelectronics STM32H562AI Datasheet HTML 181Page - STMicroelectronics STM32H562AI Datasheet HTML 182Page - STMicroelectronics STM32H562AI Datasheet HTML 183Page - STMicroelectronics STM32H562AI Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
180/270
DS14258 Rev 5
Table 74. Asynchronous multiplexed PSRAM/NOR read timings(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4 Tfmc_ker_ck - 1
4 Tfmc_ker_ck + 1
ns
tv(NOE_NE) FMC_NEx low to FMC_NOE low
2 Tfmc_ker_ck - 1
2 Tfmc_ker_ck +0.5
ttw(NOE)
FMC_NOE low time
Tfmc_ker_ck - 1
Tfmc_ker_ck+ 1
th(NE_NOE)
FMC_NOE high to FMC_NE high hold
time
Tfmc_ker_ck - 0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
1
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
1
tw(NADV)
FMC_NADV low time
Tfmc_ker_ck - 0.5
Tfmc_ker_ck + 1
th(AD_NADV)
FMC_AD(address) valid hold time after
FMC_NADV high
Tfmc_ker_ck + 0.5
-
th(A_NOE)
Address hold time after FMC_NOE high 2 Tfmc_ker_ck - 0.5
-
tsu(Data_NE) Data to FMC_NEx high setup time
Tfmc_ker_ck +10
-
tsu(Data_NOE) Data to FMC_NOE high setup time
9
-
th(Data_NE) Data hold time after FMC_NEx high
0
-
th(Data_NOE) Data hold time after FMC_NOE high
0
-
Table 75. Asynchronous multiplexed PSRAM/NOR read-NWAIT timings(1) (2)
1. Evaluated by characterization - Not tested in production.
2. NWAIT pulse width is equal to one fmc_ker_ck cycle.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9 Tfmc_ker_ck - 1 9 Tfmc_ker_ck + 1
ns
tw(NOE)
FMC_NOE low time
7 Tfmc_ker_ck - 1 7 Tfmc_ker_ck + 1
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx
high
4 Tfmc_ker_ck +10
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT
invalid
3 Tfmc_ker_ck +10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com