Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 187 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 187 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 183Page - STMicroelectronics STM32H562AI Datasheet HTML 184Page - STMicroelectronics STM32H562AI Datasheet HTML 185Page - STMicroelectronics STM32H562AI Datasheet HTML 186Page - STMicroelectronics STM32H562AI Datasheet HTML 187Page - STMicroelectronics STM32H562AI Datasheet HTML 188Page - STMicroelectronics STM32H562AI Datasheet HTML 189Page - STMicroelectronics STM32H562AI Datasheet HTML 190Page - STMicroelectronics STM32H562AI Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 270 page
background image
DS14258 Rev 5
187/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 39. Synchronous non-multiplexed NOR/PSRAM read timings
Table 80. Synchronous non-multiplexed NOR/PSRAM read timings(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
2Tfmc_ker_ck –0.5
-
ns
t(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x = 0…2)
-
1
td(CLKH-NExH) FMC_CLK high to FMC_NEx high (x = 0…2)
Tfmc_ker_ck- 1
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
1.5
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
0.5
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x = 16…25)
-
1
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x = 16…25)
Tfmc_ker_ck- 1
-
td(CLKL-NOEL) FMC_CLK ow to FMC_NOE low
-
1
td(CLKH-NOEH) FMC_CLK high to FMC_NOE high
Tfmc_ker_ck + 0.5
-
tsu(DV-CLKH)
FMC_D[15:0] valid data before FMC_CLK high
3.5
-
th(CLKH-DV)
FMC_D[15:0] valid data after FMC_CLK high
1.5
-
t(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
2.5
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
1.5
-
FMC_CLK
FMC_NEx
FMC_A[25:0]
FMC_NOE
FMC_D[15:0]
D1
D2
FMC_NWAIT
(WAITCFG = 1b,
WAITPOL + 0b)
FMC_NWAIT
(WAITCFG = 0b,
WAITPOL + 0b)
tw(CLK)
tw(CLK)
Data latency = 0
td(CLKL-NExL)
td(CLKH-NExH)
td(CLKL-AV)
td(CLKH-AIV)
td(CLKL-NOEL)
td(CLKH-NOEH)
tsu(DV-CLKH)
th(CLKH-DV)
tsu(DV-CLKH)
th(CLKH-DV)
tsu(NWAITV-CLKH)
th(CLKH-NWAITV)
tsu(NWAITV-CLKH)
t h(CLKH-NWAITV)
tsu(NWAITV-CLKH)
th(CLKH-NWAITV)
MS32759V1
FMC_NADV
td(CLKL-NADVL)
td(CLKL-NADVH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com