Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 246 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 246 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 242Page - STMicroelectronics STM32H562AI Datasheet HTML 243Page - STMicroelectronics STM32H562AI Datasheet HTML 244Page - STMicroelectronics STM32H562AI Datasheet HTML 245Page - STMicroelectronics STM32H562AI Datasheet HTML 246Page - STMicroelectronics STM32H562AI Datasheet HTML 247Page - STMicroelectronics STM32H562AI Datasheet HTML 248Page - STMicroelectronics STM32H562AI Datasheet HTML 249Page - STMicroelectronics STM32H562AI Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 270 page
background image
Package information
STM32H562xx and STM32H563xx
246/270
DS14258 Rev 5
Table 131. WLCSP80 - Mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A(2)
2. The maximum total package height is calculated by the RSS method (Root Sum Square) using nominal
and tolerances values of A1 and A2.
-
-
0.58
-
-
0.228
A1
-
0.17
-
-
0.0067
-
A2
-
0.38
-
-
0.0150
-
A3(3)
3. Back side coating. Nominal dimension is rounded to the 3rd decimal place resulting from process
capability.
-
0.025
-
-
0.0098
-
b
0.22
0.24
0.27
0.0087
0.0094
0.0106
D
3.47
3.50
3.52
0.1366
0.1378
0.1386
E
3.25
3.27
3.30
0.1279
0.1287
0.1299
e
-
0.35
-
-
0.138
-
e1
-
2.73
-
-
0.1075
-
e2
-
2.45
-
-
0.0964
-
F(4)
4. Calculated dimensions are rounded to the 3rd decimal place
-
0.384
-
-
0.0151
-
G(4)
-
0.484
-
-
0.0190
-
H
-
0.1025
-
-
0.0040
-
aaa
-
-
0.10
-
-
0.0039
bbb
-
-
0.10
-
-
0.0039
ccc(5)
5. Bump position designation per JESD 95-1, SPP-010. The tolerance of position that controls the location of
the pattern of balls with respect to datums X and Y. For each ball there is a cylindrical tolerance zone ccc
perpendicular to datum Z and located on true position with respect to datums X and Y as defined by e. The
axis perpendicular to datum Z of each ball must lie within this tolerance zone.
-
-
0.10
-
-
0.0039
ddd(6)
6. The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone ddd perpendicular to datum Z and located on true
position as defined by e. The axis perpendicular to datum Z of each ball must lie within this tolerance zone.
Each tolerance zone ddd in the array is contained entirely in the respective zone ccc above. The axis of
each ball must lie simultaneously in both tolerance zones.
-
-
0.05
-
-
0.0020
eee
-
-
0.05
-
-
0.0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com