Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 251 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 251 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 247Page - STMicroelectronics STM32H562AI Datasheet HTML 248Page - STMicroelectronics STM32H562AI Datasheet HTML 249Page - STMicroelectronics STM32H562AI Datasheet HTML 250Page - STMicroelectronics STM32H562AI Datasheet HTML 251Page - STMicroelectronics STM32H562AI Datasheet HTML 252Page - STMicroelectronics STM32H562AI Datasheet HTML 253Page - STMicroelectronics STM32H562AI Datasheet HTML 254Page - STMicroelectronics STM32H562AI Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 270 page
background image
DS14258 Rev 5
251/270
STM32H562xx and STM32H563xx
Package information
265
6.6
LQFP144 package information (1A)
This LQFP is a 144-pin, 20 x 20 mm low-profile quad flat package.
Note:
See list of notes in the notes section.
Figure 88. LQFP144 - Outline(15)
SECTION A-A
GAUGE PLANE
B
B
H
L
(L1)
S
R1
R2
SECTION B-B
b
b1
c
c1
WITH PLATING
BASE METAL
1
3
2
(6)
D 1/4
E 1/4
BOTTOM VIEW
ddd
C A-B D
0.05
(12)
A1
A2
A
aaa C A-B D
(N-4)x e
1A_LQFP144_ME_V2
4x
H A-B D
bbb
b
C
ccc C
D 1/4
E 1/4
D
D1
(3)
N
1
(10)
2
3
(6)
(3) A
(3)
B
(2)
(5)
E1
E
(2) (5)
(4)
(4)
A
A
(Section A-A)
D
TOP VIEW
(2)
(11)
4x N/4 TIPS
(9) (11)
(11)
(11)
(11)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com