Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 269 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 269 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 262Page - STMicroelectronics STM32H562AI Datasheet HTML 263Page - STMicroelectronics STM32H562AI Datasheet HTML 264Page - STMicroelectronics STM32H562AI Datasheet HTML 265Page - STMicroelectronics STM32H562AI Datasheet HTML 266Page - STMicroelectronics STM32H562AI Datasheet HTML 267Page - STMicroelectronics STM32H562AI Datasheet HTML 268Page - STMicroelectronics STM32H562AI Datasheet HTML 269Page - STMicroelectronics STM32H562AI Datasheet HTML 270Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 269 / 270 page
background image
DS14258 Rev 5
269/270
STM32H562xx and STM32H563xx
Revision history
269
13-Dec-2024
4
Updated Features, Section 3.28: Digital camera interface (DCMI),
Wake-up time from low-power modes, and Section 7: Ordering
information.
Updated Table 2: STM32H56xxx features and peripheral counts,
Table 10: SPI features, Table 20: General operating conditions,
Table 21: Maximum allowed clock frequencies, Table 36: Typical and
maximum current consumption in Standby mode, Table 37: Typical and
maximum current consumption in VBAT mode, Table 40: High-speed
external user clock characteristics, Table 51: Flash memory
programming, Table 89: OCTOSPI characteristics in DTR mode (no
DQS), Table 90: OCTOSPI characteristics in DTR mode (with DQS) /
HyperBus, Table 95: 12-bit ADC characteristics, Table 110: LPTIMx
characteristics, and Table 135: UFBGA169 - Mechanical data.
Updated Figure 5: LQFP64 pinout and Figure 90: UFBGA169 - Outline.
Minor text edits across the whole document.
02-Jan-2025
5
Updated Table 36: Typical and maximum current consumption in
Standby mode.
Table 141. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com