Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 136 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 136 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 132Page - STMicroelectronics STM32H562AI Datasheet HTML 133Page - STMicroelectronics STM32H562AI Datasheet HTML 134Page - STMicroelectronics STM32H562AI Datasheet HTML 135Page - STMicroelectronics STM32H562AI Datasheet HTML 136Page - STMicroelectronics STM32H562AI Datasheet HTML 137Page - STMicroelectronics STM32H562AI Datasheet HTML 138Page - STMicroelectronics STM32H562AI Datasheet HTML 139Page - STMicroelectronics STM32H562AI Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
136/270
DS14258 Rev 5
•
All peripherals are disabled except when explicitly mentioned.
•
The flash memory access time is adjusted with the minimum wait-state number,
depending on the fHCLK frequency (refer to the tables “FLASH recommended number
of wait states and programming delay” available in the reference manual).
•
When the peripherals are enabled, the AHB clock frequency is the CPU frequency and
the APB clock frequency is AHB frequency.
The parameters given in the following tables are derived from tests performed under supply
voltage conditions summarized in Table 20, and, unless otherwise specified, at ambient
temperature.
The maximum current consumption is given for LDO regulator ON.
Table 28. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, 2-way instruction cache ON, PREFETCH ON
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Typ
SMPS
Max(1)(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD(Run)
Supply current
in Run mode
All peripherals
disabled
VOS0
250
32.1
17.5
37
65
87
-
mA
215
27.9
15.0
32
60
82
-
200
25.7
13.8
30
59
81
-
VOS1
200
22.1
11.0
25
45
62
93
180
20.3
10.1
23
43
59
90
168
18.8
9.3
21
42
58
89
150
16.9
8.5
20
40
56
88
VOS2
150
15.4
7.4
17
33
47
73
100
10.8
5.2
13
28
41
68
VOS3
100
9.8
4.5
11
23
34
55
60
6.4
3.0
8.0
20
30
52
25
3.2
1.7
5.0
17
27
49
All peripherals
enabled
VOS0
250
86.8
49.8
90
118
140
-
215
75.0
43.2
78
107
128
-
200
69.5
40.1
72
102
123
-
VOS1
200
60.7
31.7
62
82
99
130
180
55.1
28.5
56
76
92
124
150
45.8
23.4
47
68
84
116
VOS2
150
41.9
20.0
43
59
72
98
100
28.5
13.8
30
45
58
85
VOS3
100
25.9
11.7
27
39
49
71
60
16.2
7.5
17
29
40
61
25
7.5
3.8
9.0
21
31
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com