Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 140 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 140 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 136Page - STMicroelectronics STM32H562AI Datasheet HTML 137Page - STMicroelectronics STM32H562AI Datasheet HTML 138Page - STMicroelectronics STM32H562AI Datasheet HTML 139Page - STMicroelectronics STM32H562AI Datasheet HTML 140Page - STMicroelectronics STM32H562AI Datasheet HTML 141Page - STMicroelectronics STM32H562AI Datasheet HTML 142Page - STMicroelectronics STM32H562AI Datasheet HTML 143Page - STMicroelectronics STM32H562AI Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
140/270
DS14258 Rev 5
Table 33. Typical consumption in Run mode with SecureMark running from
flash memory and SRAM(1)
Symbol Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Typ
SMPS
Unit
Typ
LDO
Typ
SMPS
Unit
Peripheral
Code
IDD(Run)
Supply
current in
Run mode
All peripherals disabled,
instruction cache 2-way,
prefetch ON
FLASH
250
34.1
17.9
mA
136.3
71.8
μA/MHz
180
21.8
10.6
120.9
58.8
168
20.1
9.8
119.7
58.5
150
24.9
7.7
166.2
51.2
100
10.6
4.8
106.0
47.6
All peripherals disabled,
instruction cache 1-way,
prefetch ON
FLASH
250
31.3
16.6
125.2
66.3
180
20.1
9.8
111.6
54.5
168
18.5
9.1
110.4
54.2
150
18.8
7.2
125.1
47.7
100
9.8
4.5
98.3
44.5
1. Evaluated by characterization - Not tested in production.
Table 34. Typical and maximum current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Typ
SMPS
Max(1) (2)
Unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
130°C
IDD(sleep)
Supply current
in sleep mode
All peripherals
disabled
VOS0
250
7.3
4.2
12
40
61
-
mA
200
5.8
3.3
10
38
60
-
VOS1
200
4.8
2.6
8
27
43
75
180
4.8
2.6
8
27
43
75
168
4.3
2.3
7
26
42
74
150
3.9
2.2
7
26
42
74
VOS2
150
3.5
1.9
6
21
34
60
100
2.8
1.6
5
20
33
59
VOS3
100
2.5
1.4
4
16
26
48
60
2.0
1.2
4
15
26
47
1. Evaluated by characterization - Not tested in production.
2. The maximum values are given for LDO regulator ON. Refer to Section 5.3.3 for the SMPS maximum current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com