Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 142 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 142 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 138Page - STMicroelectronics STM32H562AI Datasheet HTML 139Page - STMicroelectronics STM32H562AI Datasheet HTML 140Page - STMicroelectronics STM32H562AI Datasheet HTML 141Page - STMicroelectronics STM32H562AI Datasheet HTML 142Page - STMicroelectronics STM32H562AI Datasheet HTML 143Page - STMicroelectronics STM32H562AI Datasheet HTML 144Page - STMicroelectronics STM32H562AI Datasheet HTML 145Page - STMicroelectronics STM32H562AI Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
142/270
DS14258 Rev 5
v
I/O system current consumption
All the I/Os used as inputs with pull-up generate a current consumption when the pin is
externally held low. The value of this current consumption can be simply computed by using
the pull-up/pull-down resistors values given in Table 58.
To estimate the current consumption for the output pins, consider also external pull-downs
or loads.
An additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the Schmitt trigger
circuits used to discriminate the input value. Unless this specific configuration is required by
the application, this current consumption can be avoided by configuring the I/Os in analog
mode. This is notably the case of ADC input pins, to be configured as analog inputs.
Caution:
Any floating input pin can also settle to an intermediate voltage level or switch inadvertently,
as a result of external electromagnetic noise. To avoid a current consumption related to
floating pins, they must either be configured in analog mode, or forced internally to a definite
digital value. This can be done by using pull-up/down resistors, or by configuring the pins in
output mode.
In addition to the internal peripheral current consumption, the I/Os used by an application
also contribute to the current consumption. When an I/O pin switches, it uses the current
from the MCU supply voltage to supply the I/O pin circuitry and to charge/discharge the
capacitive load (internal or external) connected to the pin:
where
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load
VDDx is the MCU supply voltage
fSW is the I/O switching frequency
CL is the total capacitance seen by the I/O pin: C = CINT+ CEXT + CS
The test pin is configured in push-pull output mode and is toggled by software at a fixed
frequency.
Table 37. Typical and maximum current consumption in VBAT mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
Backup
RAM
RTC and
LSE(2)
1.8 V 2.4 V
3 V
3.3 V
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD(VBAT)
Supply current
in VBAT mode
OFF
OFF
0.01
0.01
0.02
0.02
0.2
2.45
6.2
19.0
μA
ON
OFF
1.11
1.14
1.17
1.29
4.5
16.05
30.0
72.2
OFF
ON
0.45
0.46
0.48
0.59
1.2
3.65
7.5
21.0
ON
ON
1.56
1.57
1.62
1.84
5.5
17.25
31.3
74.2
1. Evaluated by characterization - Not tested in production.
2. LSE is in medium-low drive mode.
ISW
VDDx fSW CL
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com