Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 141 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 141 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 137Page - STMicroelectronics STM32H562AI Datasheet HTML 138Page - STMicroelectronics STM32H562AI Datasheet HTML 139Page - STMicroelectronics STM32H562AI Datasheet HTML 140Page - STMicroelectronics STM32H562AI Datasheet HTML 141Page - STMicroelectronics STM32H562AI Datasheet HTML 142Page - STMicroelectronics STM32H562AI Datasheet HTML 143Page - STMicroelectronics STM32H562AI Datasheet HTML 144Page - STMicroelectronics STM32H562AI Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 270 page
background image
DS14258 Rev 5
141/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
v
Table 35. Typical and maximum current consumption in Stop mode
Symbol
Parameter
Conditions
Typ
LDO
Typ
SMPS
Max(1) (2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD(stop)
Supply current
in Stop
Flash memory in
low power mode,
SRAMs ON
SVOS3
0.37
0.09
2.00 13.98 24.00
44.39
mA
SVOS4
0.27
0.07
1.40 10.48 18.37
34.76
SVOS5
0.19
0.06
0.86
7.08
12.88
25.31
Flash memory in
normal mode,
SRAMs ON
SVOS3
0.38
0.10
2.02 14.01 24.06
44.55
SVOS4
0.29
0.09
1.42 10.52 18.46
34.88
Flash memory in
low power mode,
SRAMs OFF except
SRAM2 16 Kbytes ON
SVOS3
0.34
0.09
1.93 13.28 22.75
41.99
SVOS4
0.25
0.07
1.35
9.87
17.33
32.65
SVOS5
0.17
0.05
0.81
6.46
11.68
22.86
Flash memory in
low power mode,
SRAMs OFF except
SRAM2 ON
SVOS3
0.35
0.10
1.95 13.45 23.02
42.52
SVOS4
0.26
0.08
1.36 10.01 17.52
33.10
SVOS5
0.17
0.08
0.82
6.59
11.92
23.37
1. Evaluated by characterization - Not tested in production.
2. The maximum values are given for LDO regulator ON. Refer to Section 5.3.3 for the SMPS maximum current consumption.
Table 36. Typical and maximum current consumption in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(1)
Unit
Backup
RAM
RTC and
LSE(2)
1.8 V 2.4 V
3 V
3.3 V
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD(standby)
Supply
current in
standby
mode,
IWDG OFF
OFF
OFF
2.58
2.78
3.01
3.19
5.9
11.7
21.2
53
μA
ON
OFF
3.79
4.05
4.38
4.63
8.2
21.0
37.0
90
OFF
ON
2.91
3.15
3.47
3.67
6.9
12.9
22.5
55
ON
ON
4.16
4.46
4.85
5.12
9.2
22.2
38.3
92
1. Evaluated by characterization - Not tested in production.
2. LSE is in medium-low drive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com