Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 172 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 172 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 168Page - STMicroelectronics STM32H562AI Datasheet HTML 169Page - STMicroelectronics STM32H562AI Datasheet HTML 170Page - STMicroelectronics STM32H562AI Datasheet HTML 171Page - STMicroelectronics STM32H562AI Datasheet HTML 172Page - STMicroelectronics STM32H562AI Datasheet HTML 173Page - STMicroelectronics STM32H562AI Datasheet HTML 174Page - STMicroelectronics STM32H562AI Datasheet HTML 175Page - STMicroelectronics STM32H562AI Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
172/270
DS14258 Rev 5
01
Fmax(2) Maximum frequency
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
5
MHz
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
5
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
5
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
5
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
5
tr/tf(3)
Output high to low level fall
time and output low to high
level rise time
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
24.5
ns
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
22.2
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
20.0
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
17.8
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
15.0
10
Fmax(2) Maximum frequency
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
10
MHz
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
10
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
10
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
10
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
10
tr/tf(3)
Output high to low level fall
time and output low to high
level rise time
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
16.2
ns
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
14.3
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
12.2
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
10.0
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
7.9
11
Fmax(2)
(4)
Maximum frequency
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
20
MHz
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
23
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
25
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
28
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
30
tr/tf(3)(4)
Output high to low level fall
time and output low to high
level rise time
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
14.0
ns
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
12.0
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
10.0
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
8.0
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
6.0
1. Specified by design - Not tested in production.
2. The maximum frequency is defined with the conditions (tr + tf) ≤ 2/3 T, Skew ≤ 1/20 T, 45% < Duty cycle < 55%.
3. The fall and rise times are defined between 90% and 10% and between 10% and 90% of the output waveform, respectively.
4. Compensation system enabled.
Table 65. Output timing characteristics VDDIO2 1.2 V range (HSLV OFF)(1) (continued)
Speed Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com