Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 174 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 174 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 170Page - STMicroelectronics STM32H562AI Datasheet HTML 171Page - STMicroelectronics STM32H562AI Datasheet HTML 172Page - STMicroelectronics STM32H562AI Datasheet HTML 173Page - STMicroelectronics STM32H562AI Datasheet HTML 174Page - STMicroelectronics STM32H562AI Datasheet HTML 175Page - STMicroelectronics STM32H562AI Datasheet HTML 176Page - STMicroelectronics STM32H562AI Datasheet HTML 177Page - STMicroelectronics STM32H562AI Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
174/270
DS14258 Rev 5
5.3.16
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU (see Table 58).
Unless otherwise specified, the parameters in Table 68 are derived from tests performed
under the ambient temperature and VDD supply voltage conditions summarized in Table 20.
11
Fmax(2)(4) Maximum frequency
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
30
MHz
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
35
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
44
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
55
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
77
tr/tf(3)(4)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
11.1
ns
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
9.2
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
7.2
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
5.4
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
3.6
1. Specified by design - Not tested in production.
2. The maximum frequency is defined with the conditions (tr + tf) ≤ 2/3 T, Skew ≤ 1/20 T, 45%< Duty cycle < 55%.
3. The fall and rise times are defined between 90% and 10% and between 10% and 90% of the output waveform, respectively.
4. Compensation system enabled.
Table 66. Output timing characteristics VDDIO2 1.2 V (HSLV ON)(1) (continued)
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
Table 67. Output timing characteristics for FT_c I/Os (PB13/PB14)(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C = 50 pF, 2.7 V ≤ VDDIO ≤ 3.6 V
-
2
MHz
C = 50 pF, 1.71 V ≤ VDDIO < 2.7 V
-
1
tr/tf
Output rise and fall time
C = 50 pF, 2.7 V ≤ VDDIO < 3.6 V
-
166
ns
C = 50 pF, 1.71 V ≤ VDDIO < 2.7 V
-
330
01
Frmax
Maximum frequency
C = 30 pF, 2.7 V ≤ VDDIO < 3.6 V
-
10
MHz
C = 30 pF, 1.71 V ≤ VDDIO < 2.7 V
-
4
tr/tf
Output rise and fall time
C = 30 pF, 2.7 V ≤ VDDIO < 3.6 V
-
33
ns
C = 30 pF, 1.71 V ≤ VDDIO < 2.7 V
-
65
1. Specified by design - Not tested in production.
2. The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the product reference manual for a description of
GPIO port configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com