Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 196 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 196 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 192Page - STMicroelectronics STM32H562AI Datasheet HTML 193Page - STMicroelectronics STM32H562AI Datasheet HTML 194Page - STMicroelectronics STM32H562AI Datasheet HTML 195Page - STMicroelectronics STM32H562AI Datasheet HTML 196Page - STMicroelectronics STM32H562AI Datasheet HTML 197Page - STMicroelectronics STM32H562AI Datasheet HTML 198Page - STMicroelectronics STM32H562AI Datasheet HTML 199Page - STMicroelectronics STM32H562AI Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
196/270
DS14258 Rev 5
Table 89. OCTOSPI characteristics in DTR mode (no DQS)(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCLK
OCTOSPI clock
frequency
1.71 V < VDD < 1.9 V,
CL = 15 pF
--
100(4)
MHz
2.7 V < VDD < 3.6 V,
CL = 15 pF
--
125(4)
tw(CLKH) OCTOSPI clock
high and low time
PRESCALER[7:0] = n
(= 0, 1, 3, 5, .., 255)
t(CLK) / 2 - 0.5
-
t(CLK) / 2 + 0.5
ns
tw(CLKL)
t(CLK) / 2 - 0.5
-
t(CLK) / 2 + 0.5
tw(CLKH)
OCTOSPI clock
high and low time
PRESCALER[7:0] = n
(= 2, 4, 6, 8, ..., 254)
(n / 2) * t(CLK)/
(n + 1) - 0.5
-
(n / 2) * t(CLK)/
(n + 1) + 0.5
tw(CLKL)
(n / 2 + 1) * t(CLK)/
(n + 1) - 0.5
-
(n / 2 + 1) * t(CLK)/
(n + 1) + 0.5
tv(CLK) Clock valid time
-
-
-
t(CLK) +0.5
ns
tsr(IN),
tsf(IN)
Data input setup time
-
4
-
-
ns
thr(IN),
thf(IN)
Data input hold time
-
1.5
-
-
tvr(OUT)
tvf(OUT)
Data output valid time
DHQC = 0
-
2.5
3.5
DHQC = 1,
Prescaler [7:0] = 1, 2...
-
t(CLK) / 4
+ 0.5
t(CLK) / 4 + 1
thr(OUT)
thf(OUT)
Data output hold time
DHQC = 0
1.5
-
-
DHQC = 1,
Prescaler [7:0] = 1, 2...
t(CLK) / 4 - 1
-
-
1. All values apply to Octal and Quad-SPI mode.
2. Evaluated by characterization - Not tested in production.
3. Delay block bypassed.
4. DHQC must be set to reach the mentioned frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com