Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 200 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 200 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 196Page - STMicroelectronics STM32H562AI Datasheet HTML 197Page - STMicroelectronics STM32H562AI Datasheet HTML 198Page - STMicroelectronics STM32H562AI Datasheet HTML 199Page - STMicroelectronics STM32H562AI Datasheet HTML 200Page - STMicroelectronics STM32H562AI Datasheet HTML 201Page - STMicroelectronics STM32H562AI Datasheet HTML 202Page - STMicroelectronics STM32H562AI Datasheet HTML 203Page - STMicroelectronics STM32H562AI Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
200/270
DS14258 Rev 5
Figure 52. DCMI timing diagrams
5.3.22
PSSI interface characteristics
Unless otherwise specified, the parameters given in Table 92 and Table 93 are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 20 and Section 5.3.1, with the following configuration:
•
PSSI_PDCK polarity: falling
•
PSSI_RDY and PSSI_DE polarity: low
•
Bus width: 16 lines
•
DATA width: 32 bits
•
Capacitive load CL= 30 pF
•
Measurement points are done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling VOS0 selected
Table 92. DCMI characteristics(1)
Symbol
Parameter
Min
Max
Unit
-
Frequency ratio DCMI_PIXCLK/fHCLK
-
0.4
-
DCMI_PIXCLK
Pixel clock input
-
100
MHz
DPIXEL
Pixel clock input duty cycle
30
70
%
tsu(DATA)
Data input setup time
2.5
-
ns
th(DATA)
Data hold time
2
-
tsu(HSYNC), tsu(VSYNC) DCMI_HSYNC and DCMI_VSYNC input setup times
2.5
-
th(HSYNC), th(VSYNC) DCMI_HSYNC and DCMI_VSYNC input hold times
1.5
-
1. Evaluated by characterization - Not tested in production.
MS32414V2
DCMI_PIXCLK
tsu(VSYNC)
tsu(HSYNC)
DCMI_HSYNC
DCMI_VSYNC
DATA[0:13]
1/DCMI_PIXCLK
th(HSYNC)
th(HSYNC)
tsu(DATA) th(DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com