Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 207 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 207 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 203Page - STMicroelectronics STM32H562AI Datasheet HTML 204Page - STMicroelectronics STM32H562AI Datasheet HTML 205Page - STMicroelectronics STM32H562AI Datasheet HTML 206Page - STMicroelectronics STM32H562AI Datasheet HTML 207Page - STMicroelectronics STM32H562AI Datasheet HTML 208Page - STMicroelectronics STM32H562AI Datasheet HTML 209Page - STMicroelectronics STM32H562AI Datasheet HTML 210Page - STMicroelectronics STM32H562AI Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 270 page
background image
DS14258 Rev 5
207/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 55. ADC conversion timing diagram
3. Slow channels correspond to all ADC inputs except for the fast channels.
CLK
1. The sampling time defines the minimum sampling clock cycles (SMP) to be programmed in the ADC (refer to the product reference manual for details).
Sampling
(1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Mux
Number of CLK clock cycles = ADC resolution / 2
Total conversion time: 0.5 +Tsamp + N/2
SMP
1/2
Table 97. ADC accuracy(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ET
Total unadjusted error
Fast and slow
channels
Single ended
-
±3.5
±12
LSB
Differential
-
±2.5
±7.5
EO
Offset error
-
Single ended
-
±3
±5.5
-
Differential
-
±2
±3.5
EG
Gain error
-
Single ended
-
±3.5
±11
-
Differential
±2.5
±7
ED
Differential linearity error
-
Single ended
-
±0.75
+2/-1
-
Differential
-
±0.75
+2/-1
EL
Integral linearity error
Fast and slow
channels
Single ended
-
±2
±6.5
Differential
-
±1
±4
ENOB
Effective number of bits
Single ended
-
10.8
-
Bits
Differential
-
11.5
-
SINAD
Signal-to-noise and
distortion ratio
Single ended
-
68
-
dB
Differential
-
71
-
SNR
Signal-to-noise ratio
Single ended
-
70
-
Differential
-
72
-
THD
Total harmonic distortion
Single ended
-
-70
-
Differential
-
-80
-
1.
Evaluated by characterization for BGA packages. The values for LQFP package can differ. Not tested in production.
2.
ADC DC accuracy values are measured after internal calibration in continuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com