Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 210 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 210 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 206Page - STMicroelectronics STM32H562AI Datasheet HTML 207Page - STMicroelectronics STM32H562AI Datasheet HTML 208Page - STMicroelectronics STM32H562AI Datasheet HTML 209Page - STMicroelectronics STM32H562AI Datasheet HTML 210Page - STMicroelectronics STM32H562AI Datasheet HTML 211Page - STMicroelectronics STM32H562AI Datasheet HTML 212Page - STMicroelectronics STM32H562AI Datasheet HTML 213Page - STMicroelectronics STM32H562AI Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
210/270
DS14258 Rev 5
Figure 59. Power supply and reference decoupling (VREF+ connected to VDDA)
1. VREF+ input is not available on all packages (refer to Table 14), VREF- is available only on UFBGA176+25,
UFBGA169 with SMPS, LQFP100, UFBGA169, and UFBGA176+25 packages. When VREF- is not
available, it is internally connected to VSSA. If VREF- is available and connected to VDDA, refer to Figure 20
for more detailsIf.
5.3.24
DAC characteristics
MSv50649V1
1 μF // 100 nF
STM32
VREF+/VDDA
(1)
VREF-/VSSA
(1)
Table 98. DAC characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.8
3.3
3.6
V
VREF+
Positive reference voltage
-
1.8
-
VDDA
VREF-
Negative reference voltage
-
-
VSSA
-
RL
Resistive load
DAC output buffer
ON
Connected
to VSSA
5-
-
kΩ
Connected
to VDDA
25
-
-
RO
Output impedance
DAC output buffer OFF
10.3
13
16
RBON
Output impedance sample
and hold mode, output
buffer ON
DAC output buffer
ON
VDD = 2.7 V
-
-
1.6
kΩ
VDD = 2.0 V
-
-
2.6
RBOFF
Output impedance sample
and hold mode, output
buffer OFF
DAC output buffer
OFF
VDD = 2.7 V
-
-
17.8
kΩ
VDD = 2.0 V
-
-
18.7
CL
Capacitive load
DAC output buffer OFF
-
-
50
pF
CSH
Sample and Hold mode
-
0.1
1
µF
VDAC_OUT
Voltage on DAC_OUT
output
DAC output buffer ON
0.2
-
VDDA
−0.2
V
DAC output buffer OFF
0
-
VREF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com