Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 217 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 217 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 213Page - STMicroelectronics STM32H562AI Datasheet HTML 214Page - STMicroelectronics STM32H562AI Datasheet HTML 215Page - STMicroelectronics STM32H562AI Datasheet HTML 216Page - STMicroelectronics STM32H562AI Datasheet HTML 217Page - STMicroelectronics STM32H562AI Datasheet HTML 218Page - STMicroelectronics STM32H562AI Datasheet HTML 219Page - STMicroelectronics STM32H562AI Datasheet HTML 220Page - STMicroelectronics STM32H562AI Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 270 page
background image
DS14258 Rev 5
217/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
CL
Load capacitor
-
-
0.5
1
1.50
μF
esr
Equivalent serial
resistor of CL
--
-
-
2
Ω
Iload
Static load current
-
-
-
-
4
mA
Iline_reg
Line regulation
2.8 V ≤ VDDA ≤ 3.6 V
Iload = 500 µA
-
200
-
ppm/
V
Iload = 4 mA
-
100
-
Iload_reg Load regulation
500 µA ≤ Iload ≤ 4 mA Normal mode
-
50
-
ppm/
mA
Tcoeff
Temperature
coefficient
-40 °C < TJ < +130 °C
-
-
-
100
ppm/
°C
PSRR
Power supply
rejection
DC
-
-
60
-
dB
100 kHz
-
-
40
-
tSTART
Start-up time
CL= 0.5 µF
-
-
300
-
µs
CL= 1 µF
-
-
500
-
CL= 1.5 µF
-
-
650
-
IINRUSH
Control of
maximum DC
current drive on
VREFBUF_OUT
during startup(4)
--
8
-
mA
IDDA(VREF
BUF)
Consumption
from VDDA
ILOAD = 0 µA
-
-
15
25
µA
ILOAD = 500 µA
-
-
16
30
ILOAD = 4 mA
-
-
32
50
1. Specified by design - Not tested in production, unless otherwise specified.
2. In degraded mode, the voltage reference buffer cannot accurately maintain the output voltage (VDDA−drop voltage).
3. Evaluated by characterization - Not tested in production.
4. To properly control VREFBUF IINRUSH current during the startup phase and the change of scaling, VDDA voltage must be in
the range of 2.1 V - 3.6 V, 2.4 V -3.6 V, and 2.8 V - 3.6 V, respectively, for VRS = 010, 001, and 000.
Table 108. VREFBUF characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com