Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 218 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 218 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 214Page - STMicroelectronics STM32H562AI Datasheet HTML 215Page - STMicroelectronics STM32H562AI Datasheet HTML 216Page - STMicroelectronics STM32H562AI Datasheet HTML 217Page - STMicroelectronics STM32H562AI Datasheet HTML 218Page - STMicroelectronics STM32H562AI Datasheet HTML 219Page - STMicroelectronics STM32H562AI Datasheet HTML 220Page - STMicroelectronics STM32H562AI Datasheet HTML 221Page - STMicroelectronics STM32H562AI Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
218/270
DS14258 Rev 5
5.3.31
Timer characteristics
The parameters given in Table 109 are guaranteed by design.
Refer to Section 5.3.15 for details on the input/output alternate function characteristics
(output compare, input capture, external clock, PWM output).
5.3.32
Low-power timer characteristics
Table 109. TIMx characteristics(1)(2)
Symbol
Parameter
Conditions(3)
Min
Max
Unit
tres(TIM)
Timer resolution time
AHB/APBx prescaler = 1, 2, or 4,
fTIMxCLK = 250 MHz
1-
tTIMxCLK
AHB/APBx prescaler > 4,
fTIMxCLK = 125 MHz
1-
tTIMxCLK
fEXT
Timer external clock
frequency on CH1 to CH4
fTIMxCLK = 250 MHz
0
fTIMxCLK / 2
MHz
ResTIM
Timer resolution
-
16 / 32
bit
tMAX_COUNT
Maximum possible count
with 32-bit counter
-
-
65536 × 65536 tTIMxCLK
1. TIMx is used as a general term to refer to the TIM1 to TIM17 timers.
2. Specified by design - Not tested in production.
3. The maximum timer frequency on APB1 or APB2 is up to 250 MHz, by setting the TIMPRE bit in the RCC_CFGR register,
if APBx prescaler is 1 or 2 or 4, then TIMxCLK = rcc_hclk1, otherwise TIMxCLK = 4 x Frcc_pclkx1 or
TIMxCLK = 4 x Frcc_pclkx2.
Table 110. LPTIMx characteristics(1)(2)
Symbol
Parameter
Min
Max
Unit
tres(TIM)
Timer resolution time
1
-
tlptim_ker_ck
flptim_ker_ck
Timer kernel clock
0
250
MHz
fEXT
Timer external clock frequency on Input1 and Input2
0
flptim_ker_ck / 3
ResTIM
Timer resolution
-
16
bit
tMAX_COUNT
Maximum possible count
-
65535
tlptim_ker_ck
1. LPTIMx is used as a general term for LPTIM1 to LPTIM6 timers.
2. Specified by design - Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com