Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 222 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 222 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 218Page - STMicroelectronics STM32H562AI Datasheet HTML 219Page - STMicroelectronics STM32H562AI Datasheet HTML 220Page - STMicroelectronics STM32H562AI Datasheet HTML 221Page - STMicroelectronics STM32H562AI Datasheet HTML 222Page - STMicroelectronics STM32H562AI Datasheet HTML 223Page - STMicroelectronics STM32H562AI Datasheet HTML 224Page - STMicroelectronics STM32H562AI Datasheet HTML 225Page - STMicroelectronics STM32H562AI Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
222/270
DS14258 Rev 5
The parameters given in Table 113 are obtained with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
The timings are in line with MIPI specification, except for the ones given in Table 113 and
Table 114. For tSU_OD and tSU_PP this can be mitigated by increasing the corresponding
SCL low duration in the I3C_TIMINGR0 register. For tSCO this can be mitigated by enabling
and adjusting the clock stall time both on the address ACK phase and on the data read Tbit
phase in the I3C_TIMINGR2 register. This can also be mitigated by increasing the SCL low
duration in the I3C_TIMINGR0 register. For further details refer to AN5879.
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 115 are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 20, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL = 30 pF
•
Measurement points are done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Refer to Section 5.3.15 for more details on the input/output alternate function characteristics
(NSS, SCK, MOSI, MISO for SPI).
Table 113. I3C open-drain measured timing
Symbol
Parameter
Conditions
I3C open drain mode
(specification)
Timing
measurements
Unit
Min
Max
tSU_OD
SDA data setup time
during open drain mode
Controller
1.71 V < VDD < 3.6 V
3-
16.5
ns
Table 114. I3C push-pull measured timing
Symbol
Parameter
Conditions
I3C open drain mode
(specification)
Timing
measurements
Unit
Min
Max
tSU_PP
SDA signal data setup in
push-pull mode
Controller
1.71 V < VDD < 3.6 V
3
-
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com