Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 223 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 223 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 219Page - STMicroelectronics STM32H562AI Datasheet HTML 220Page - STMicroelectronics STM32H562AI Datasheet HTML 221Page - STMicroelectronics STM32H562AI Datasheet HTML 222Page - STMicroelectronics STM32H562AI Datasheet HTML 223Page - STMicroelectronics STM32H562AI Datasheet HTML 224Page - STMicroelectronics STM32H562AI Datasheet HTML 225Page - STMicroelectronics STM32H562AI Datasheet HTML 226Page - STMicroelectronics STM32H562AI Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 270 page
background image
DS14258 Rev 5
223/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Table 115. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tSCK
SPI clock frequency
Master receiver mode
2.7 V < VDD < 3.6 V
-
-
135/3(2)
MHz
Master receiver mode
1.71 V < VDD < 2.7 V
-
-
120/3(2)
Master transmitter mode
2.7 V < VDD < 3.6 V
135/3(2)
Master transmitter mode
1.71 V < VDD < 3.6 V
-
-
120/3(2)
Slave receiver mode
1.71 V < VDD < 3.6 V
--
120
Slave transmitter mode
2.7 V < VDD < 3.6 V
-
-
43/6(3)
Slave transmitter mode
1.71 V < VDD < 2.7 V
-
-
41/6(3)
tsu(NSS)
NSS setup time
Slave mode
3.5
-
-
ns
th(NSS)
NSS hold time
Slave mode
4.5
-
-
ns
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
(tSCK/2) - 1
(tSCK/2)
(tSCK/2) + 1
ns
tsu(MI)
Data input setup time
Master mode
3.5
-
-
ns
tsu(SI)
Slave mode
2
-
-
th(MI)
Data input hold time
Master mode
1
-
-
ns
th(SI)
Slave mode
1.5
-
-
ta(SO)
Data output access time
Slave mode
6.5
-
15
ns
tdis(SO)
Data output disable time
Slave mode
7.5
-
18
ns
tv(SO)
Data output valid time
Slave mode,
2.7 V < VDD < 3.6 V
-
8.5/25(3)
11.5/33(3)
ns
Slave mode,
1.71 V < VDD < 3.6 V
-10/59(3)
12/76(3)
tv(MO)
Master mode
-
1.5
2
th(SO)
Data output hold time
Slave mode,
1.71 V < VDD < 3.6 V
6.5/20.5(3)
--
ns
th(MO)
Master mode
0
-
-
1. Evaluated by characterization - Not tested in production.
2. When using PB13.
3. When using PB14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com