Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 237 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 237 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 233Page - STMicroelectronics STM32H562AI Datasheet HTML 234Page - STMicroelectronics STM32H562AI Datasheet HTML 235Page - STMicroelectronics STM32H562AI Datasheet HTML 236Page - STMicroelectronics STM32H562AI Datasheet HTML 237Page - STMicroelectronics STM32H562AI Datasheet HTML 238Page - STMicroelectronics STM32H562AI Datasheet HTML 239Page - STMicroelectronics STM32H562AI Datasheet HTML 240Page - STMicroelectronics STM32H562AI Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 270 page
background image
DS14258 Rev 5
237/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 77. JTAG timing diagram
Table 127. Dynamic JTAG characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FTCK
TCK clock frequency
2.7 V < VDD < 3.6 V
-
-
50
MHz
1/tc(TCK)
1.71 V < VDD < 3.6 V
-
-
45
tisu(TMS)
TMS input setup time
-
2
-
-
ns
tih(TMS)
TMS input hold time
-
1.5
-
-
tisu(TDI)
TDI input setup time
-
1.5
-
-
tih(TDI)
TDI input hold time
-
1.5
-
-
tov(TDO)
TDO output valid time
2.7V < VDD < 3.6 V
-
8
10
1.71 < VDD < 3.6 V
-
8
11
toh(TDO)
TDO output hold time
-
6.5
-
-
Table 128. Dynamic SWD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FSWCLK
SWCLK clock frequency
2.7 V < VDD < 3.6 V
-
-
80
MHz
1/tc(SWCLK)
1.71 V < VDD < 3.6 V
-
-
71
tisu(SWDIO)
SWDIO input setup time
-
1.5
-
-
ns
tih(SWDIO)
SWDIO input hold time
-
1.5
-
-
tov(SWDIO)
SWDIO output valid time
2.7 V < VDD < 3.6 V
-
10.5
12.5
1.71 V < VDD < 3.6 V
-
10.5
14.0
toh(SWDIO)
SWDIO output hold time
-
8.5
-
-
MSv40458V1
TDI/TMS
TCK
TDO
tc(TCK)
tw(TCKL) t
w(TCKH)
th(TMS/TDI)
tsu(TMS/TDI)
tov(TDO)
toh(TDO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com