Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 234 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 234 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 230Page - STMicroelectronics STM32H562AI Datasheet HTML 231Page - STMicroelectronics STM32H562AI Datasheet HTML 232Page - STMicroelectronics STM32H562AI Datasheet HTML 233Page - STMicroelectronics STM32H562AI Datasheet HTML 234Page - STMicroelectronics STM32H562AI Datasheet HTML 235Page - STMicroelectronics STM32H562AI Datasheet HTML 236Page - STMicroelectronics STM32H562AI Datasheet HTML 237Page - STMicroelectronics STM32H562AI Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
234/270
DS14258 Rev 5
Ethernet interface characteristics
Unless otherwise specified, the parameters given in Table 124, Table 125, and Table 126
are derived from tests performed under the ambient temperature, frcc_c_ck frequency and
VDD supply voltage conditions summarized in Table 20, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL= 20 pF
•
Measurement points are done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.5 V
Refer to Section 5.3.15 for more details on the input/output characteristics.
Table 124. Dynamic characteristics: Ethernet MAC signals for SMI (1)
Symbol
Parameter
Min
Typ
Max
Unit
tMDC
MDC cycle time (2.5 MHz)
400
400
403
ns
Td(MDIO) Write data valid time
0
0.5
1
tsu(MDIO) Read data setup time
12.5
-
-
th(MDIO)
Read data hold time
0
-
-
1. Evaluated by characterization - Not tested in production.
Table 125. Dynamic characteristics: Ethernet MAC signals for RMII (1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD) Receive data setup time
3
-
-
ns
tih(RXD)
Receive data hold time
1
-
-
tsu(CRS) Carrier sense setup time
2
-
-
tih(CRS)
Carrier sense hold time
1
-
-
td(TXEN) Transmit enable valid delay time
7.5
9.5
15
td(TXD)
Transmit data valid delay time
7.5
10
15.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com