Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 232 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 232 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 228Page - STMicroelectronics STM32H562AI Datasheet HTML 229Page - STMicroelectronics STM32H562AI Datasheet HTML 230Page - STMicroelectronics STM32H562AI Datasheet HTML 231Page - STMicroelectronics STM32H562AI Datasheet HTML 232Page - STMicroelectronics STM32H562AI Datasheet HTML 233Page - STMicroelectronics STM32H562AI Datasheet HTML 234Page - STMicroelectronics STM32H562AI Datasheet HTML 235Page - STMicroelectronics STM32H562AI Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
232/270
DS14258 Rev 5
CMD, D inputs (referenced to CK) in SD default mode
tISUD
Input setup time SD
-
2.5
-
ns
tIHD
Input hold time SD
-
1.5
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time SD
-
-
0.5
1/33(3)
ns
tOHD
Output hold default time SD
-
0
-
-
1. Evaluated by characterization - Not tested in production.
2. CL applied is 20 pF.
3. When using PB13 and PB14.
4. For SD 1.8 V support, an external voltage converter is needed.
5. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 123. Dynamic characteristics: eMMC, VDD = 1.71 to 1.9 V(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
0
-
110(2)/6(3)
2. CL = 20 pF.
3. When using PB13 and PB14.
MHz
tW(CKL)
Clock low time
fPP =52 MHz
8.5
9.5
-
ns
tW(CKH) Clock high time
8.5
9.5
-
CMD, D inputs (referenced to CK) in eMMC mode
tISU
Input setup time HS
-
1.5
-
-
ns
tIH
Input hold time HS
-
1.5
-
-
tIDW(4)
4. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Input valid window (variable window)
-
4
-
-
CMD, D outputs (referenced to CK) in eMMC mode
tOV
Output valid time HS
-
-
5.5
6/75(3)
ns
tOH
Output hold time HS
-
3
-
-
Table 122. Dynamic characteristics: SD/MMC, VDD = 2.7 to 3.6 V(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com