Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 230 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 230 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 226Page - STMicroelectronics STM32H562AI Datasheet HTML 227Page - STMicroelectronics STM32H562AI Datasheet HTML 228Page - STMicroelectronics STM32H562AI Datasheet HTML 229Page - STMicroelectronics STM32H562AI Datasheet HTML 230Page - STMicroelectronics STM32H562AI Datasheet HTML 231Page - STMicroelectronics STM32H562AI Datasheet HTML 232Page - STMicroelectronics STM32H562AI Datasheet HTML 233Page - STMicroelectronics STM32H562AI Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
230/270
DS14258 Rev 5
Figure 69. SAI master timing waveforms
tv(FS)
FS valid time
Master mode, 2.7 V ≤ VDD ≤ 3.6 V
-
13
ns
Master mode, 1.71 V ≤ VDD ≤ 3.6 V
-
13
tsu(FS)
FS setup time
Slave mode
3
-
th(FS)
FS hold time
Master mode
5
-
Slave mode
2
-
tsu(SD_A_MR)
Data input setup time
Master receiver
4
-
tsu(SD_B_SR)
Slave receiver
3.5
-
th(SD_A_MR)
Data input hold time
Master receiver
1.5
-
th(SD_B_SR)
Slave receiver
0.5
-
tv(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge),
2.7 V ≤ VDD ≤ 3.6 V
-14.5
Slave transmitter (after enable edge),
1.71 V ≤ VDD ≤ 3.6 V
-15
th(SD_B_ST)
Data output hold time
Slave transmitter (after enable edge)
7
-
tv(SD_A_MT) Data output valid time
Master transmitter (after enable edge),
2.7 V ≤ VDD ≤ 3.6 V
-13
Master transmitter (after enable edge),
1.71 V ≤ VDD ≤ 3.6 V
-13
th(SD_A_MT) Data output hold time
Master transmitter (after enable edge)
5.5
-
1. Evaluated by characterization - Not tested in production.
Table 121. SAI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
MS32771V2
SAI_SCK_X
(CKSTR = 1)
SAI_FS_X
(output)
1/fSCK
SAI_SD_X
(transmit)
tv(FS)
Slot n
SAI_SD_X
(receive)
th(FS)
Slot n+2
tv(SD_MT)
Slot n
tsu(SD_MR)
th(SD_MR)
SAI_SCK_X
(CKSTR = 0)
th(SD_MT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com