Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 13 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
(3.2V ≤ VCC ≤ 3.45V, –55°C ≤ TC ≤ +125°C, except as specified. Nominal values are at VCC = 3.3V, TC = 25°C)
PARAMETERS
MIN
NOM
MAX
UNIT
tCE
Clock to enable low time
See Timing Diagram
2.5
ns
tCS
Clock to data wait time
8.6
ns
tCWH
Clock pulse width high
10
ns
tCWL
Clock pulse width low
10
ns
tCES
Enable to clock setup time
6.5
ns
tEWH
Enable pulse width high
5
ns
tCD
Falling clock edge to data wait time
10
ns
SYNC and SYSREFREQ
tSETUP
SYNC pin to OSCin setup time
2.5
ns
tHOLD
SYNC pin to OSCin hold time
2.5
ns
5.7 Timing Diagrams
tHOLD
tSETUP
SYNC
or
SYSREFREQ
OSCIN
Figure 5-1. Trigger Signals Timing Diagram
tCES
tCS
R/W
SDK
A5
tCH
tCWH
tCWL
A0
D15
D14
D0
MSB
LSB
tCE
tEWH
SDI
CSB
Figure 5-2. Serial Data Input Timing Diagram
LMX2624-SP supports SPI Mode 0 (CPOL=0, CPHA=0) and Mode 3 (CPOL=01 CPHA=1).
There are several other considerations for writing on the SPI:
• The R/W bit must be set to 0.
• The data on SDI pin is clocked into a shift register on each rising edge on the SCK pin. On the rising edge of
the 24th clock cycle, the data is transferred from the data field into the selected register bank.
• The CSB must be held low for data to be clocked. Device is ignore clock pulses if CSB is held high.
• If the MUXOUT pin is configured as SPI SDO, the MUXOUT pin is tristated during all write transactions and
when CSB is high.
• When SCK and SDI lines are shared between devices, TI recommends hold the CSB line high on the device
that is not to be clocked.
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com