Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 84 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 84 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 80Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 81Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 82Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 83Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 84Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 85Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 86Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 87Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Changes from Revision A (July 2026) to Revision B (September 2026)
Page
• Changed the RF output phase noise specs to the updated data....................................................................... 8
• Changed the tCWH spec from "6" to "10"........................................................................................................ 12
• Updated the Figure 5-20, Figure 5-21, and note for Figure 5-15 .................................................................... 15
• Updated the description for Section 6.3.2.1 .................................................................................................... 24
• Updated the description for VCO Calibration and Table 6-4 ............................................................................26
• Updated the description for RECAL Feature ...................................................................................................29
• Updated the description for Section 6.3.8 ....................................................................................................... 29
• Updated the description for Section 6.3.13.1 .................................................................................................. 31
• Updated the Table 6-13 ................................................................................................................................... 35
• Updated the Table 6-15 ................................................................................................................................... 36
• Updated the description for Section 6.3.14.2 .................................................................................................. 37
• Updated the Table 6-23 ................................................................................................................................... 42
• Changed the description for Register Maps, register R1 and register R2........................................................45
• Changed the VOSCin value for Differential input clock in Figure 7-1 ..............................................................77
• Changed the parameter text for Table 7-1 .......................................................................................................78
• Updated the description for Power Supply Recommendations ....................................................................... 81
Changes from Revision * (December 2024) to Revision A (July 2026)
Page
• Changed the device status from Advanced to Production Data......................................................................... 1
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
84
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com