Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 29 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 29 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
Table 6-8. VCO Gain (continued)
f1
f2
Kvco1
Kvco2
8600
9900
84
136
9900
10800
102
140
10800
11900
115
162
11900
13000
167
224
13000
14000
182
228
14000
15000
218
254
6.3.7.3 Double Buffering (Shadow Registers)
Double buffering—also known as "shadow registers"—allows the user to program multiple registers without
having them actually take effect. When the R0 register is programmed, then these registers take effect. This
is especially useful if one wants to change frequencies quickly and multiple register writes are required. When
DBL_BUF_EN = 1, the double buffering is enabled for the registers related to VCO, Doubler, PLL, Output MUX
and Channel Divider. More details on the registers are available in Register map section.
6.3.7.4 Watchdog Feature
The watchdog feature helps handle situations where radiation can interrupt or cause the VCO calibration to
fail. When this feature is turned on, a timer runs in the background while VCO calibration is happening. If the
calibration does not finish before the timer runs out, the calibration is automatically restarted. The WD_CNTRL
word controls how many times the watchdog is allowed to restart the calibration.
6.3.7.5 RECAL Feature
The RECAL feature is used to mitigate the scenario when the VCO is in lock, but then radiation causes the
VCO to go out of lock. When the RECAL_EN pin is high, if the PLL loses lock and stays out of lock for a time
specified by the WD_DLY word, then RECAL triggers a VCO re-calibration. Lock detector must be set to "Vtune
and VCOCal" (LD_TYPE = 1) and the lock detect timer (LD_DLY) must be non-zero. Suggested minimum lock
detector timer delay time is 200µs for LD_DLY = 2500 (default) and 50MHz state machine clock frequency.
6.3.8 Channel Divider
To go below the VCO lower bound of 7500MHz, the channel divider can be used. The channel divider utilizes
three stages with a total division ratio equal to the product of the three dividers. Therefore, not all values are
valid.
Divide by
2 or 3
Divide by
2, 4, 8, 16, 32, 64,
128, 256
MUX
MUX
RFoutA
VCO
MUX
RFoutB
Divide
by 2
Figure 6-2. Channel Divider
Please note that, channel divider in by 6 (÷ 6) setting, the duty cycle is not 50%.
When the channel divider is used, there are limitations on the values. Table 6-9 shows how these values are
implemented.
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com