Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 14 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 14 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
tCES
R/W
A6
A5
A0
MSB
SDI
CSB
tCE
tEWH
SCK
RB15
RB14
RB0
LSB
MUXout
Figure 5-3. Serial Data Readback Timing Diagram
There are several other considerations for SPI readback:
• The R/W bit must be set to 1.
• The MUXout pin is tristated for the address portion of the transaction, and when the CSB pin is high.
• The data on MUXout becomes available momentarily after the falling edge of SCK and therefore must be
read back on the rising edge of SCK.
• The data portion of the transition on the SDI line is always ignored.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com