Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 54 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 54 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 53Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 54Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 55Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 56Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 57Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
6.5.3.1.7 R6 Register (Offset = 6h) [Reset = 41BFh]
R6 is shown in Table 6-32.
Return to the Summary Table.
Table 6-32. R6 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
UNDISCLOSED
R/W
0h
Program this field to 0x0.
14-13
DBLR_AMP1_DACCTRL
R/W
2h
VCO doubler configuration.
Programming is required only with full assist mode. Field value is
obtained by reading back the register after VCO doubler calibration.
12-9
DBLR_AMP_CAPCTRL
R/W
0h
VCO doubler configuration.
Programming is required only with full assist mode. Field value is
obtained by reading back the register after VCO doubler calibration.
8
DBLR1_PD
R/W
1h
Disables path 1 for VCO doubler.
Programming is required only with full assist mode. Field value is
obtained by reading back the register after VCO doubler calibration.
0h = Doubler path 1 is enabled
1h = Doubler path 1 is disabled
7-0
VCO_CAPCTRL
R/W
BFh
Sets the initial value for VCO calibration.
Valid values are between 0 and 191. Higher value represents lower
VCO frequency.
Unless QUICK_RECAL_EN = 1, VCO calibration always start with
the value specified in this field.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
54
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com