Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 69 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 69 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 65Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 66Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 67Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 68Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 69Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 70Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 71Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 72Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
6.5.3.1.22 R22 Register (Offset = 16h) [Reset = 0001h]
R22 is shown in Table 6-47.
Return to the Summary Table.
Table 6-47. R22 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-7
UNDISCLOSED
R/W
0h
Program this field to 0x0.
6-0
MUXOUT
R/W
1h
Selects the functionality of the MUXOUT pin.
0h = Lock detect
1h = Register read back
2h = fPD / 32
3h = fSM / 32
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com