Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 44 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 44 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
6.5 Programming
When not in pin mode, the LMX2624-SP is programmed using 24-bit shift registers. The shift register consists of
a R/W bit (MSB), followed by a 7-bit address field and a 16-bit data field. For the R/W bit, 0 is for write, and 1
is for read. The address field ADDRESS[6:0] is used to decode the internal register address. The remaining 16
bits form the data field DATA[15:0]. While CSB is low, serial data is clocked into the shift register upon the rising
edge of clock (data is programmed MSB first). See Figure 5-2 for timing details.
Only R/W type register fields as shown in Register Maps are required to program. programming to the read only
register fields is not necessary, the fields cannot get written.
The reset or POR values of read only register fields are not necessary the same as shown in Register Maps
because the initial state of these fields is not deterministic.
6.5.1 Recommended Initial Power-Up Sequence
For the most reliable programming, TI recommends this procedure:
1. Apply power to device.
2. Program RESET = 1 to reset registers.
3. Program registers as shown in the Register Maps in REVERSE order from highest address to lowest
address.
• Programming of all registers down to R0 (with FCAL_EN = 1) is required. Even registers with no
documented fields must also be programmed in accordance to the Register Maps. Do NOT assume
that the power on reset state and the recommended value are the same.
4. Wait 10ms to verify that the internal LDOs has settled down
5. Program register R0 one additional time with FCAL_EN = 1 to verify that the VCO calibration runs from a
stable state.
6.5.2 Recommended Sequence for Changing Frequencies
The recommended sequence for changing frequencies is as follows:
1. Change the N divider value.
2. Program the PLL numerator and denominator.
3. Program FCAL_EN (R0[2]) = 1.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
44
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com