Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 34 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 34 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
6.3.13.3 Procedure for Using SYNC
This procedure must be used to put the device in SYNC mode.
1. Use the flowchart to determine the SYNC category.
2. Make determinations for OSCin and using SYNC based on the category
a. If Category 4, SYNC cannot be performed in this setup.
b. If Category 3, verify that the maximum fOSC frequency for SYNC mode is not violated and there are
hardware accommodations to use the SYNC pin.
3. If the channel divide is used, determine the IncludedDivide value from Table 6-11.
4. If not done already, divide the N divider and fractional values by IncludedDivide (Equation 2) to account for
the included channel divide.
5. Program the device with the VCO_PHASE_SYNC = 1.
6. Apply the SYNC, if required
a. If Category 2, a rising edge can be sent to the SYNC pin and the timing of this is not critical.
b. If Category 3, the timing of the SYNC signal with respect to OSCin clock as shown in Table 6-12 must
obey.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
34
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com