Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
5.5 Electrical Characteristics
3.2V ≤ VCC ≤ 3.45V, –55°C ≤ TC ≤ +125°C., OSCIN = 100MHz, SM Clock = 12.5MHz, Typical values are at VCC = 3.3V, 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
ICC
Supply current (VCO output selected
on both channels; RFOUTA enabled,
RFOUTB disabled)
OUTA_PD = 0, OUTB_PD = 1
OUTA_MUX = 1
OUTA_PWR = 7, CPG = 7
fOSC = fPD = 100MHz, fVCO = fOUT = 14.5GHz
460
mA
Supply current (VCO output both
RFOUTA and RFOUTB enabled)
OUTA_PD = 0, OUTB_PD = 0
OUTA_MUX = 1, OUTB_MUX = 1
OUTA_PWR = 7, OUTB_PWR = 7, CPG = 7
fOSC = fPD = 100MHz, fVCO = fOUT = 14.5GHz
660
mA
Supply current (channel divider
selected on both channels; RFOUTA
enabled, RFOUTB disabled)
OUTA_PD = 0, OUTB_PD = 1,
OUTA_MUX = 0
OUTA_PWR = 7, CPG = 7
fOSC = fPD = 100MHz, fVCO = 15GHz, fOUT = 7.5GHz
510
Supply current (channel divider both
RFOUTA and RFOUTB enabled)
OUTA_PD = 0, OUTB_PD = 0
OUTA_MUX = 0, OUTB_MUX = 0,
OUTA_PWR = 7, OUTB_PWR = 7, CPG = 7
fOSC = fPD = 100MHz, fVCO = 15GHz, fOUT = 7.5GHz
685
Supply current (Doubler output
selected on both channels; RFOUTA
enabled, RFOUTB disabled)
OUTA_PD = 0, OUTB_PD = 1,
OUTA_MUX = 2,
OUTA_PWR = 7, CPG = 7
fOSC = fPD = 100MHz, fVCO = 12GHz, fOUT = 24GHz
650
Supply current (Doubler output
on both RFOUTA and RFOUTB
enabled)
OUTA_PD = 0, OUTB_PD = 0
OUTA_MUX = 2, OUTB_MUX = 2,
OUTA_PWR = 7, OUTB_PWR = 7, CPG = 7
fOSC = fPD = 100MHz, fVCO = 12GHz, fOUT = 24GHz
730
Supply current (Doubler output on
RFOUTA and CHDIV on RFOUTB
enabled)
OUTA_PD = 0, OUTB_PD = 0
OUTA_MUX = 2, OUTB_MUX = 0,
OUTA_PWR = 7, OUTB_PWR = 7, CPG = 7
fOSC = fPD = 100MHz, fVCO = 12GHz
fOUTA = 24GHz, fOUTB = 6GHz
810
Power on reset current
RESET = 1 (Device wake-up)
250
Power down current
POWERDOWN = 1
17
OUTPUT CHARACTERISTICS
Fout
RF output frequency
5
30000
MHz
pOUT
Single-ended output power(2) (4)
OUTx_PWR = 7; Doubler output
fOUT = 30GHz
1.2
dBm
Differential output power(5)
4.2
Single-ended output power(2) (4)
fOUT = 27GHz
2
Differential output power(5)
5
Single-ended output power(2) (4)
fOUT = 24GHz
3.5
Differential output power(5)
6.5
Single-ended output power(2) (4)
fOUT = 18GHz
2
Differential output power(5)
5
Single-ended output power(2) (4)
OUTx_PWR = 7; VCO output
fOUT = 15GHz
2.5
Differential output power(5)
5.5
Single-ended output power(2) (4)
fOUT = 7.5GHz
6
Differential output power(5)
9
Single-ended output power(2) (4)
OUTx_PWR = 7; Divider output
fOUT = 4GHz
6.5
Differential output power(5)
9.5
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com