Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 79 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 79 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 75Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 76Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 77Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 78Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 79Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 80Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 81Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 82Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
The VCO frequency must be in the range of 7.5GHz to 15GHz, the output frequency must either divide into this,
VCO or double the VCO frequency. In this case, this implies the VCO frequency is 12GHz. The next step is to
select the phase detector frequency. The phase detector frequency must either divide the input frequency, or the
frequency can be double if the OSC_2X feature is used. Also, if the phase detector frequency divides the VCO
frequency, the spur performance is much better. So by choosing a 200MHz phase detector frequency and using
the OSC_2X doubler, the device can be used in integer mode and the best phase noise performance can be
achieved.
Table 7-1. Design Parameters
Parameter
Description
Value
Units
fOSC
OSCin reference frequency
100
MHz
OSC_2X = "1"
Reference doubler enabled
x2
-
fPD
Phase detector frequency
200
MHz
fOUT
RFoutA output frequency
12
GHz
fVCO
VCO frequency
12
GHz
7.2.2 Detailed Design Procedure
When the frequencies are known, the loop filter must be designed. The integration of phase noise over a certain
bandwidth (jitter) is an performance specification that translates to signal-to-noise ratio. Phase noise inside the
loop bandwidth is dominated by the PLL, while the phase noise outside the loop bandwidth is dominated by the
VCO. Generally, jitter is lowest if the loop bandwidth is designed to the point where the two intersect. A higher
phase margin loop filter design has less peaking at the loop bandwidth and thus lower jitter. The trade-off with
this is that longer lock times and spurs must be considered in design as well.
The PLLatinum Sim software is very useful in designing the loop filter and is available on the TI website. Using
this tool, the results in Table 7-2 are obtained.
Table 7-2. PLLatinum Sim Results
COMPONENT
VALUE
UNIT
C1
390
pF
C2
68
nF
C3
1.8
nF
R2
68.1
Ω
R3
18.2
Ω
The TICS Pro software is very useful in calculating the necessary register values and configuring the device.
Figure 7-4 shows the TICS Pro configuration for 12GHz output at RFoutA channel.
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com