Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 1 Page - Texas Instruments

  PLMX2624PAP/EM Datasheet HTML 1Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 2Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 3Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and
JESD204B/C Support
1 Features
• SMD 5962R2321001PXE
– Total ionizing dose 100Krad (ELDRS-free)
– Single event latch-up (SEL) immune up to
75MeV-cm2/mg
– Single event functional interrupt (SEFI) immune
up to 75MeV-cm2/mg
• Wide band frequency synthesizer : 5MHz to
30GHz output frequency
• –102dBc/Hz phase noise at 100kHz offset with
30GHz carrier
• 62fs RMS jitter at 30GHz (1kHz to 100MHz)
• Programmable output power
• PLL key specifications:
– Figure of merit: –236dBc/Hz
– Normalized 1/f noise: –129dBc/Hz
– Up to 200MHz phase detector frequency in
fractional mode.
• Synchronization of output phase across multiple
devices
• Independent mute pins for RFoutA and RFoutB
outputs
• Support for SYSREF with programmable delay
• 3.3V single power supply operation
• Pin-mode: Pin configurable N divider and output
divider in Integer PLL mode
• 10 × 10mm² 64 lead QFP package
• Operating temperature range: –55°C to +125°C
• Supported by PLLatinum™ Simulator design tool
2 Applications
• Space communications payload up to Ku/Ka
bands
• Space radar systems
• Command and Data handling system
• High-speed data converter clocking (supports
JESD204B/C)
• Local Oscillator for Mixer up to 30GHz frequency
3 Description
The LMX2624-SP is a high performance wideband
phase-locked loop (PLL) with integrated voltage
controlled oscillator (VCO) that can output any
frequency from 5MHz to 30GHz. The VCO on this
device covers an entire octave so the frequency
coverage is complete down to 5MHz. The high
performance PLL with a figure of merit of –236dBc/Hz
and high phase detector frequency can attain very low
in-band noise and integrated jitter.
The LMX2624-SP allows users to synchronize the
output of multiple instances of the device. This
means that deterministic phase can be obtained
from a device in use cases including the one
with fractional engine or output divider enabled.
The device also adds support for either generating
or repeating SYSREF (compliant to JESD204B/C
standard), making the device designed for low-noise
clock source for high-speed data converters.
This device is fabricated in Texas Instruments'
advanced BiCMOS process and is available in a 64-
lead QFP plastic package.
Package Information
PART NUMBER
TYPE
PACKAGE(1)
PACKAGE
SIZE(2)
5962R2321001PXE
Radiation
Hardness
Assured
QFP 64-pin
10mm × 10mm
LMX2624PAP/EM(3)
Engineering
Samples
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
These units are intended for engineering evaluation only.
They are not put through a compliant flow (so there is
no burn-in, only 25ºC testing, and so forth.). Additionally,
these units are not suitable for qualification, production,
radiation testing, or flight use. The parts are not warranted
for performance over temperature or operating life.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - PLMX2624PAP/EM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PLMX2624PAP/EM TI1-PLMX2624PAP/EM Datasheet
1Mb / 65P
LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
DECEMBER 2024
PLMX2624PAP/EM TI2-PLMX2624PAP/EM Datasheet
1Mb / 65P
LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
DECEMBER 2024
More results

Podobny opis - PLMX2624PAP/EM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com