Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 19 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 19 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 19Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 22Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
5.8 Typical Characteristics (continued)
Unless stated otherwise, the following conditions can be assumed: Temperature = 25°C, Vcc = 3.3V, OUTx_PWR=7,
OSCIN_P driven single ended with 10dBm at pin.
Output Frequency (MHz)
15000
17000
19000
21000
23000
25000
27000
-80
-76
-72
-68
-64
-60
-56
-52
-48
-44
-40
TC = -55°C
TC = 25°C
TC = 125°C
Differential Output
Figure 5-26. 3/2 Harmonics in Doubler Frequency Range
Output Frequency (MHz)
15000
17000
19000
21000
23000
25000
27000
-80
-76
-72
-68
-64
-60
-56
-52
-48
-44
-40
TC = -55°C
TC = 25°C
TC = 125°C
Single-Ended Output
Figure 5-27. 3/2 Harmonics in Doubler Frequency Range
Output Frequency (MHz)
1000
3000
5000
7000
9000
11000
13000
0
1
2
3
4
5
6
7
8
9
10
TC = -55°C
TC = 25°C
TC = 125°C
Figure 5-28. Channel to Channel Skew
Output Frequency (MHz)
3000
7500
12000
16500
21000
25500
30000
40
42
44
46
48
50
52
54
56
58
60
62
64
66
68
70
TC = -55°C
TC = 25°C
TC = 125°C
Integration Range is 1k-100MHz
Figure 5-29. Integrated Jitter (Jitter (fs) Vs Output Frequency
(MHz)
SM Clock = 50MHz
Figure 5-30. Mute Pin Output Enable Time
SM Clock = 50MHz
Figure 5-31. Mute Pin Output Disable Time
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com