Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 24 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 24 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 22Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 24Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
6.3.2.1 OSCin Doubler (OSC_2X)
The OSCin doubler allows one to double the input reference frequency while adding minimal noise. In some
situations using the doubler can be advantageous to go to a higher frequency than the maximum phase detector
frequency because the Pre-R divider is able to divide down this frequency to phase detector frequency that is
advantageous for fractional spurs.
• If the OSCin doubler is used, the OSCin signal must have around 50% duty cycle as both the rising and
falling edges are used. Otherwise the spurs are high.
• If the OSCin doubler is not used, only rising edges of the OSCin signal are used and duty cycle is not critical.
6.3.2.2 Pre-R Divider (PLL_R_PRE)
The pre-R divider is useful for reducing the input frequency to help meet the maximum 250MHz input frequency
limitation to the PLL_R divider. Otherwise, the pre-divider does not have to be used.
6.3.2.3 Post-R Divider (PLL_R)
The post-R divider can be used to further divide down the frequency to the phase detector frequency. When the
divider is used (PLL_R > 1), the input frequency to this divider is limited to 250MHz.
6.3.3 State Machine Clock
The state machine clock (SM clock) is a divided down version of the OSCin signal that is used internally in the
device. This divide value 1, 2, 4, 8, or 16 and is determined by CAL_CLK_DIV programming word (described
in the programming section). The device support max. state machine clock frequency up to 50MHz. This state
machine clock impacts VCO calibration. The state machine clock is calculated as fSM = fOSC / 2CAL_CLK_DIV.
6.3.4 PLL Phase Detector and Charge Pump
The phase detector compares the outputs of the Post-R divider and N divider and generates a correction current
corresponding to the phase error until the two signals are aligned in phase. This charge-pump current is software
programmable to many different levels, allowing modification of the closed-loop bandwidth of the PLL.
6.3.5 N Divider and Fractional Circuitry
The N divider includes fractional compensation and can achieve any fractional denominator from 1 to (232 – 1).
The integer portion of N is the whole part of the N divider value, and the fractional portion, Nfrac = NUM / DEN,
is the remaining fraction. In general, the total N divider value is determined by PLL_N + PLL_NUM / PLL_DEN.
The PLL_N, PLL_NUM and PLL_DEN are software programmable in SPI mode. Pin-mode option has integer
frequency generation and refer Pin-mode description details in Pin-mode section for more details.
The higher the denominator, the finer the resolution step of the output. For example, even when using fPD =
200MHz, the output can increment in steps of 200MHz /( 232 – 1) = 0.047Hz. Equation 2 shows the relationship
between the phase detector and VCO frequencies. Note that in SYNC mode, there is an IncludedDivide divider
that is shown in Equation 2.
fVCO=fpd×IncludedDivide× N+NUMDEN
(2)
The sigma-delta modulator that controls this fractional division is also programmable from integer mode to
third order. To make the fractional spurs consistent, the modulator is reset any time that the R0 register is
programmed.
The N divider has minimum value restrictions based on the modulator order and VCO frequency. Furthermore,
the PFD_DLY bit must be programmed in accordance to the Table 6-2. In SYNC mode, IncludedDivide can be
larger than one, otherwise IncludedDivide is one.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com