Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 49 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 49 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
6.5.3.1.2 R1 Register (Offset = 1h) [Reset = 10CBh]
R1 is shown in Table 6-27.
Return to the Summary Table.
Table 6-27. R1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
UNDISCLOSED
R/W
0h
Program this field to 0x0.
14
MASH_SEED_EN
R/W
0h
Enables MASH_SEED for spurious improvement.
0h = Disabled
1h = Enabled
13
READBACK
R/W
0h
Sets register read back control.
0h = Reads the written register values
1h = Reads the state machine values
12
LD_TYPE
R/W
1h
Defines Lock Detect type.
VCOCal Lock Detect asserts a high output after the VCO has
finished calibration and the LD_DLY timeout counter is finished.
Vtune and VCOCal Lock Detect asserts a high output when VCOCal
Lock Detect would assert a signal and the tuning voltage to the VCO
is within acceptable limits (continuous monitoring of Vtune voltage).
RECAL feature requires using Vtune and VCOCal Lock Detect.
Both Lock Detect types require VCO calibration is executed at least
one time, otherwise the output will stay low.
0h = VCOCal Lock Detect
1h = Vtune and VCOCal Lock Detect
11
OUTB_MUTE_POL
R/W
0h
Selects if MUTEB pin is active high or active low.
0h = Mutes when pin is high
1h = Mutes when pin is low
10
OUTA_MUTE_POL
R/W
0h
Selects if MUTEA pin is active high or active low.
0h = Mutes when pin is high
1h = Mutes when pin is low
9
OUTB_MUTE_PIN
R/W
0h
Selects if RFOUTB is muted through pin or register.
0h = Muted by pin
1h = Muted by register
8
OUTA_MUTE_PIN
R/W
0h
Selects if RFOUTA is muted through pin or register.
0h = Muted by pin
1h = Muted by register
7
OUTB_MUTE
R/W
1h
Mutes RFOUTB.
0h = RFOUTB is not muted
1h = RFOUTB is muted
6
OUTA_MUTE
R/W
1h
Mutes RFOUTA.
0h = RFOUTA is not muted
1h = RFOUTA is muted
5
OUTB_PD
R/W
0h
Powers down RFOUTB.
0h = RFOUTB is powered on
1h = RFOUTB is powered off
4
OUTA_PD
R/W
0h
Powers down RFOUTA.
0h = RFOUTA is powered on
1h = RFOUTA is powered off
3
UNDISCLOSED
R/W
1h
Program this field to 0x1.
2-0
CAL_CLK_DIV
R/W
3h
Sets state machine clock frequency equal to or less than 50MHz.
fSM = fOSC / 2CAL_CLK_DIV
0h = fOSC ≤ 50MHz
1h = fOSC ≤ 100MHz
2h = fOSC ≤ 200MHz
3h = fOSC ≤ 400MHz
4h = fOSC ≤ 800MHz
5h = fOSC > 800MHz
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com