Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 2 Page - Texas Instruments

  PLMX2624PAP/EM Datasheet HTML 1Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 2Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 3Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Charge
Pump
Vtune
CPout
RFoutAP
Sigma-Delta
Modulator
N Divider
x2
Post-R
Divider
Pre-R
Divider
Vcc
RFoutAM
RFoutBM
Vcc
External loop filter
Phase
Detector
Output
Buffer
OSCin
Buffer
Serial
Interface
Control
SDI
SCK
CSB
MUXout
OSCinP
OSCinM
Input
signal
RFoutBP
MUX
MUX
SYSREF
Synchronization
and Delay
X2
Mult
Pin-mode control
(N divider, Channel divider)
NDIV
CDIV
Channel
Divider
MuteA
MuteB
OUTMUX
SysRefReq
REF_DBLR_EN
SYNC
SYNC
Functional Block Diagram
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com